Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7786 Datasheet(PDF) 29 Page - STMicroelectronics

Part # TDA7786
Description  ELITE automotive tuners for AM/FM car-radio
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7786 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button TDA7786 Datasheet HTML 25Page - STMicroelectronics TDA7786 Datasheet HTML 26Page - STMicroelectronics TDA7786 Datasheet HTML 27Page - STMicroelectronics TDA7786 Datasheet HTML 28Page - STMicroelectronics TDA7786 Datasheet HTML 29Page - STMicroelectronics TDA7786 Datasheet HTML 30Page - STMicroelectronics TDA7786 Datasheet HTML 31Page - STMicroelectronics TDA7786 Datasheet HTML 32Page - STMicroelectronics TDA7786 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
DocID026122 Rev 5
29/54
TDA7786, TDA7786M
Electrical specifications
53
3.4
Electrical characteristics
VCC = 4.7 V to 5.25 V; Tamb = -40 °C to +85 °C; unless otherwise specified.
3.4.1
FM - section
I3V3
Digital IO 3.3 V supply current
Maximum current specified
only in case generated from
Internal supply only
--
10
mA
1. FM functional test from antenna mixer input to audio output.
2. In the typical application supplied from 5 V with a 27 Ω series resistor.
Test condition: maximum current load for minimum value, unloaded for maximum value.
3. When the 1.2 V supply is applied externally, and not using the internal 1.2 V regulator.
Test condition: FM functional test from antenna mixer input to audio output.
4. When the 3.3 V supply is applied externally, and not using the internal 3.3 V regulator.
Table 16. General key parameters (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Units
Table 17. FM - section
Symbol
Parameter
Test condition
Min
Typ
Max
Units
FM IMR Mixer
RF Gain
Voltage gain (mix in -> s.e. test
output)
RF gain 0
33
35
37
dB
RF gain 1(1)
36
38
40
RF gain 2
37
39
41
RF gain 3
39
41
43
Vnoise low
gain
Input noise voltage (RF gain 0)
Rsource=1.25 kΩ, noiseless
-
2.3
2.9
nV/
Hz
Rsource=0
-
2.1
2.6
Vnoise high
gain
Input noise voltage (RF gain 3)
Rsource=1.25 kΩ, noiseless
-
1.9
2.4
nV/
Hz
Rsource=0
-
1.6
2.0
IIP3
3rd order intercept point
RF gain 0, up to Vin/tone = 92 dBµV
RF gain 3, up to Vin/tone = 86 dBµV
124
119
127
122
-dBµV
FM AGC
RFAGC-Thr
RFAGC threshold, referred to
mixer input;
RF level
min setting, reg8<14> =1
85.4
88.4
91.4
dBµV
max setting, reg8<14>=1
89
92
95
min setting, reg8<14>=0
88.4
91.4
94.4
max setting, reg8<14>=0
92
95
98
Threshold steps
-
1.3
1.8
2.3
dB
Threshold error
@ Tamb
-1.5
-
1.5
dB
Threshold temperature drift
-
-
0.016
-
dB/K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com