Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7786 Datasheet(PDF) 35 Page - STMicroelectronics

Part # TDA7786
Description  ELITE automotive tuners for AM/FM car-radio
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7786 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button TDA7786 Datasheet HTML 31Page - STMicroelectronics TDA7786 Datasheet HTML 32Page - STMicroelectronics TDA7786 Datasheet HTML 33Page - STMicroelectronics TDA7786 Datasheet HTML 34Page - STMicroelectronics TDA7786 Datasheet HTML 35Page - STMicroelectronics TDA7786 Datasheet HTML 36Page - STMicroelectronics TDA7786 Datasheet HTML 37Page - STMicroelectronics TDA7786 Datasheet HTML 38Page - STMicroelectronics TDA7786 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
DocID026122 Rev 5
35/54
TDA7786, TDA7786M
Electrical specifications
53
3.5
Overall system performance
3.5.1
FM overall system performance
Antenna level equivalence: 0 dBµV = 1 µVrms (Antenna terminal voltage with 75 Ω dummy
load).
Figure 19. FM input set-up
Input level referred to 75 Ω antenna dummy output. Frf = 98.1 MHz, Vrf = 60 dBµV, mono
modulation, fdev = 40 kHz, faudio =1 kHz audio. De-emphasis = 50 µs. Wide-band, not-tuned
pre-selection application, unless otherwise specified.
Table 26. FM overall system performance
Parameter
Test condition
Min
Typ
Max
Units
Tuning range FM Eu
(can be modified by the user)
(automatic FE alignment
available)
87.5
-
108
MHz
Tuning step FM Eu
(can be modified by the user)
-
100
-
kHz
Tuning range FM US
(can be modified by the user)
(automatic FE alignment
available)
87.5
-
107.9
MHz
Tuning step FM US
(can be modified by the user)
-
200
-
kHz
Tuning range FM Jp
(can be modified by the user)
(automatic FE alignment
available)
76
-
90
MHz
Tuning step FM Jp
(can be modified by the user)
-
100
-
kHz
Tuning range FM EEu
(can be modified by the user)
(automatic FE alignment not
available)
65
-
74
MHz
Tuning step FM EEu
(can be modified by the user)
-
100
-
kHz
Sensitivity
S/N = 26 dB
-
-6
-3
dBµV
S/N
@ 10 dBµV, no high-cut,
DISS BW = #4
49
52
-
dB
Ultimate S/N
@ 60 dBµV, mono
77
80
-
dB
@ 60 dBµV,
Deviation = 75 kHz, mono
82
85
-
dB
@ 60 dBµV, stereo
67
70
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com