Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7786 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7786
Description  ELITE automotive tuners for AM/FM car-radio
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7786 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7786 Datasheet HTML 1Page - STMicroelectronics TDA7786 Datasheet HTML 2Page - STMicroelectronics TDA7786 Datasheet HTML 3Page - STMicroelectronics TDA7786 Datasheet HTML 4Page - STMicroelectronics TDA7786 Datasheet HTML 5Page - STMicroelectronics TDA7786 Datasheet HTML 6Page - STMicroelectronics TDA7786 Datasheet HTML 7Page - STMicroelectronics TDA7786 Datasheet HTML 8Page - STMicroelectronics TDA7786 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
This is information on a product in full production.
October 2016
DocID026122 Rev 5
1/54
TDA7786
TDA7786M
ELITE automotive tuners for AM/FM car-radio
Datasheet
- production data
Features
 AEC-Q100 qualified
 FM, AM and weather band reception
 Fully integrated VCO for world tuning
 High performance PLL for fast RDS system
 Integrated AM LNA and PIN diodes
 Automatic self alignment for FM front-end pre-
selection filter and image rejection
 Integrated IF filters with high selectivity,
dynamic range and adaptive bandwidth control
 Drift-free Digital-IF signal processing with high
performance
 RDS demodulation with group and block
synchronization
 High performance stereo decoder with noise-
blanker
 Digital interface for HD Radio™ reception with
digital audio blending
 I2C bus-controlled
 I2S input/output digital audio interfaces
 Single 5 V supply
 LQFP64 package
 MuSICA (multipath noise reduction) algorithm
available for premium version of the device
Description
The TDA7786x (ELITE) tuner is an optimized high-
performance AM/FM tuner IC family for car-radio
applications, suitable also (in combination with an
external baseband decoder) for HD Radio™
reception.
Its members integrate mixers and IF amplifiers for
AM, FM and WX, fully integrated VCO and PLL
synthesizer, IF- processing including adaptive
bandwidth control, stereo decoder, RDS decoder,
and digital interfaces for external HD Radio™
decoding on a single IC.
AM/FM IBOC base band filtering is available in
parallel to standard analog reception.
The utilization of digital signal processing results
in numerous advantages: very low number of
external components, very small space
occupation and easy application, very high
selectivity due to digital filters, high customization
possibility through software control, automatic
alignment and a powerful DSP for custom
processing.
Two versions of the device cover different
application/performance requirements:
TDA7786: entry-level, high-performance tuner;
TDA7786M: tuner with enhanced behavior in
case of FM multipath, thanks to the proprietary
MuSICA algorithm.
Both versions are HW- and SW-compatible.
LQFP64
Table 1. Device summary
Order code
Package
Packing
TDA7786
LQFP64
(10x10x1.4mm)
Tray
TDA7786M
www.st.com


Similar Part No. - TDA7786

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7701 STMICROELECTRONICS-TDA7701 Datasheet
51Kb / 4P
BATTERY OPERATED FULLY INTEGRATED FM TUNER
February 2005 Rev. 1
TDA7703 STMICROELECTRONICS-TDA7703 Datasheet
211Kb / 32P
Highly integrated tuner for AM/FM car radio
April 2009 Rev 1
TDA7703R STMICROELECTRONICS-TDA7703R Datasheet
229Kb / 32P
Highly integrated tuner for AM/FM car radio
29-Jan-2010
TDA7703RTR STMICROELECTRONICS-TDA7703RTR Datasheet
229Kb / 32P
Highly integrated tuner for AM/FM car radio
29-Jan-2010
TDA7703TR STMICROELECTRONICS-TDA7703TR Datasheet
211Kb / 32P
Highly integrated tuner for AM/FM car radio
April 2009 Rev 1
More results

Similar Description - TDA7786

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7289NFBQ PANASONIC-AN7289NFBQ Datasheet
59Kb / 5P
FM-FEAM IC for car radio
logo
STMicroelectronics
TDA7511 STMICROELECTRONICS-TDA7511 Datasheet
792Kb / 41P
AM/FM TUNER FOR CAR RADIO AND HIFI APPLICATIONS
Nov-2001
logo
Motorola, Inc
HA1199P MOTOROLA-HA1199P Datasheet
85Kb / 2P
AM SUBSYSTEM FOR CAR RADIO
logo
STMicroelectronics
TDA7528 STMICROELECTRONICS-TDA7528 Datasheet
89Kb / 5P
AM/FM car radio Front-End receiver for IF sampling tuners
28-Jun-2006
TDA7705 STMICROELECTRONICS-TDA7705_10 Datasheet
402Kb / 42P
Highly integrated tuner for AM/FM car radio
22-Mar-2010
logo
Silicon Laboratories
SI4745-C10-GM SILABS-SI4745-C10-GM Datasheet
66Kb / 2P
Automotive AM/FM Radio Receiver
logo
STMicroelectronics
TDA7703 STMICROELECTRONICS-TDA7703 Datasheet
211Kb / 32P
Highly integrated tuner for AM/FM car radio
April 2009 Rev 1
TDA7705 STMICROELECTRONICS-TDA7705 Datasheet
427Kb / 42P
Highly integrated tuner for AM/FM car radio
17-Sep-2013
TDA7706 STMICROELECTRONICS-TDA7706 Datasheet
291Kb / 16P
Highly integrated tuner for AM/FM car-radio
16-Sep-2013
TDA7703R STMICROELECTRONICS-TDA7703R Datasheet
229Kb / 32P
Highly integrated tuner for AM/FM car radio
29-Jan-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com