Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7786 Datasheet(PDF) 19 Page - STMicroelectronics

Part # TDA7786
Description  ELITE automotive tuners for AM/FM car-radio
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7786 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TDA7786 Datasheet HTML 15Page - STMicroelectronics TDA7786 Datasheet HTML 16Page - STMicroelectronics TDA7786 Datasheet HTML 17Page - STMicroelectronics TDA7786 Datasheet HTML 18Page - STMicroelectronics TDA7786 Datasheet HTML 19Page - STMicroelectronics TDA7786 Datasheet HTML 20Page - STMicroelectronics TDA7786 Datasheet HTML 21Page - STMicroelectronics TDA7786 Datasheet HTML 22Page - STMicroelectronics TDA7786 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
DocID026122 Rev 5
19/54
TDA7786, TDA7786M
Function description
53
2.15
I2S - serial audio interface
The audio SAI serves as stereo input/output audio bus interface (e.g. to an external audio
processor, or from an external HD decoder) using the I2S protocol. The latter calls for a bit
clock line, a word select line and data lines; the SAI interface on the TDA7786x has one
input data line and one output data line.
The audio SAI lines are: SAI_AUDIO_CLK (pin 37, bit clock line), SAI_AUDIO_WCLK (pin
38, word select (frame) clock line), SAI_AUDIO_DO (pin 39, data output line),
SAI_AUDIO_DI (pin 40, data input line). In master mode SAI_AUDIO_BCLK and
SAI_AUDIO_WCLK are outputs, in slave mode these pins are inputs.
The input and output data lines are operated at the same sampling frequency.
The bit clock has one pulse for each discrete bit of data on the data lines. The bit clock
operates at a frequency which is a multiple of the sample rate, and is equal to the sampling
frequency times the number of bits per word times two.
Figure 7. I2S interface timing (receiver)
Note:
The polarity of the signals and the data bit-shift direction can be selected by configuration
bits.
Table 6. Audio I2S configuration overview
SAI
1x2 In
and
1x2 Out
16/32
16/24
4
I2S
M/S
32-48
32-48
12.288 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com