Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7786 Datasheet(PDF) 22 Page - STMicroelectronics

Part # TDA7786
Description  ELITE automotive tuners for AM/FM car-radio
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7786 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TDA7786 Datasheet HTML 18Page - STMicroelectronics TDA7786 Datasheet HTML 19Page - STMicroelectronics TDA7786 Datasheet HTML 20Page - STMicroelectronics TDA7786 Datasheet HTML 21Page - STMicroelectronics TDA7786 Datasheet HTML 22Page - STMicroelectronics TDA7786 Datasheet HTML 23Page - STMicroelectronics TDA7786 Datasheet HTML 24Page - STMicroelectronics TDA7786 Datasheet HTML 25Page - STMicroelectronics TDA7786 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 54 page
background image
Function description
TDA7786, TDA7786M
22/54
DocID026122 Rev 5
2.17
Serial control interface
The device is controlled via I2C.
Through serial bus the processing parameters can be modified and the signal quality
parameters and the RDS information can be read out.
The operation of the device is handled mainly through high level commands sent by the car-
radio microprocessor through the serial interface, which allows simplification of the
operations carried out in the microprocessor itself. The high level commands include among
others:
change frequency (which allows to avoid computing the PLL divider factors)
change band;
start seek (the seek operation can be carried out by the TDA7786x in a completely
autonomous fashion);
RDS seek/search (jumps to AF and quality measurements are automatically
sequenced).
2.17.1
Serial interface / boot mode
The device possesses two different I2C addresses: 0xC2/C3 and 0xC8/C9. The
configuration is chosen by applying the proper voltage at the exit from reset to the pins
indicated in Table 9. The configuration is latched (e.g. made effective) when the RSTN line
transitions from low to high (when RSTN is low, the IC is in reset mode).
The voltage level forced to the boot pins must be released to start the system operation a
suitable time after the RSTN line has gone high. The list of configurations is shown in the
following table:
The status of these pins during the reset phase can be set to:
High: through external <10 kΩ resistors tied to 3.3V
Low: by not forcing any voltage on them from outside, as 50 kΩ internal pull-down
resistors are present inside the device.
To make sure the I2C address is correctly latched up at start-up, it is advisable to keep the
RSTN line low until the IC supply pins have reached their steady state, and further keep it
low for an additional time Treset.
Table 9. 64-pin package boot mode configuration
SAI_AUDIO_DO
pin 39
RDS INT
pin 32
BUS mode
00
I2C Address = 0xC2
01
I2C Address = 0xC8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com