Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7786 Datasheet(PDF) 41 Page - STMicroelectronics

Part # TDA7786
Description  ELITE automotive tuners for AM/FM car-radio
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7786 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button TDA7786 Datasheet HTML 37Page - STMicroelectronics TDA7786 Datasheet HTML 38Page - STMicroelectronics TDA7786 Datasheet HTML 39Page - STMicroelectronics TDA7786 Datasheet HTML 40Page - STMicroelectronics TDA7786 Datasheet HTML 41Page - STMicroelectronics TDA7786 Datasheet HTML 42Page - STMicroelectronics TDA7786 Datasheet HTML 43Page - STMicroelectronics TDA7786 Datasheet HTML 44Page - STMicroelectronics TDA7786 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 54 page
background image
DocID026122 Rev 5
41/54
TDA7786, TDA7786M
Front-end registers
53
4
Front-end registers
All the parameters in this section refer to the programmability of the FE part of the device
(registers). The part of the registers that are not described here have either fixed values or
values written by the tuner drivers, and are described in the proper technical documentation.
Table 31. Register 0x00
Register number
Register definition
MSB
LSB
23 22 21 20 19 18 17 16 15 14 13 12 11 10 987 6543 210
AM mixer input selector
0 1 Input #1
1 0 Input #2
AM PIN diode
0
Internal
1
External
AM AGC mode
0
LNA and PIN diode
1
PIN diode only
AM AGC time constant
0 0
Slow (125 ms with 1 µF)
0 1
Medium (25ms with 1 µF)
1 1
Fast (5ms with 1 µF)
AM AGC thresholds @ mixin
0 0 0
90.2 dBµV @ mixin
0 0 1
92.0 dBµV @ mixin
0 1 0
93.8 dBµV @ mixin
0 1 1
95.6 dBµV @ mixin
1 0 0
88.4 dBµV @ mixin
1 0 1
86.6 dBµV @ mixin
1 1 0
84.8 dBµV @ mixin
1 1 1
83 dBµV @ mixin
AM AGC attack time constant
0
Normal
1
Fast



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com