Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7786 Datasheet(PDF) 32 Page - STMicroelectronics

Part # TDA7786
Description  ELITE automotive tuners for AM/FM car-radio
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7786 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button TDA7786 Datasheet HTML 28Page - STMicroelectronics TDA7786 Datasheet HTML 29Page - STMicroelectronics TDA7786 Datasheet HTML 30Page - STMicroelectronics TDA7786 Datasheet HTML 31Page - STMicroelectronics TDA7786 Datasheet HTML 32Page - STMicroelectronics TDA7786 Datasheet HTML 33Page - STMicroelectronics TDA7786 Datasheet HTML 34Page - STMicroelectronics TDA7786 Datasheet HTML 35Page - STMicroelectronics TDA7786 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
Electrical specifications
TDA7786, TDA7786M
32/54
DocID026122 Rev 5
3.4.4
Phase locked loop
3.4.5
Tuning DAC
3.4.6
IF ADC
Table 20. Phase locked loop
Symbol
Parameter
Test condition
Min
Typ
Max
Units
Tsettle
Settling time FM
∆f < 10 kHz
-
100
140
µs
FM step
FM Frequency step
-
-
5
-
kHz
AM step
AM frequency step
-
-
500
-
Hz
Table 21. Tuning DAC
Symbol
Parameter
Test condition
Min
Typ
Max
Units
Res
Resolution
8 bit
14
18
22
mV
Voutmin
Min output voltage
-
-
0.6
0.75
V
Voutmax
Max output voltage
-
VCC-0.25 VCC-0.15
-
V
Rout
Output impedance
-
1.5
2.5
3.5
kΩ
DNL
Diff. Nonlinearity
-
-
-
0.5
LSB
Tconv
Conversion time
Without capacitive load
-
20
-
µs
Table 22. IF ADC
Symbol
Parameter
Test condition
Min
Typ
Max
Units
DRFM
Dynamic range in FM
BW = ±100 kHz
87
90
-
dB
vnoiseFM
Input noise referred to mixer
input
RF gain 2
1.7
0.94
-
nV/
Hz
DRAM
Dynamic range in AM
BW = ±3 kHz
105
108
-
dB
vnoiseAM
Input noise referred to mixer
input
normal gain
6.3
3.2
-
nV/
Hz
DRFM-HD
Dynamic range in FM-IBOC
BW = ±200 kHz
82
85
-
dB
VnoiseFM-HD
Input noise referred to mixer
input
RF gain 2
2.3
1.2
-
nV/
Hz
DRAM-HD
Dynamic range in AM-IBOC
BW = ±15 kHz
97
100
-
dB
vnoiseAM-HD
Input noise referred to mixer
input
normal gain
5.6
2.9
-
nV/
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com