Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7786 Datasheet(PDF) 47 Page - STMicroelectronics

Part # TDA7786
Description  ELITE automotive tuners for AM/FM car-radio
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7786 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button TDA7786 Datasheet HTML 43Page - STMicroelectronics TDA7786 Datasheet HTML 44Page - STMicroelectronics TDA7786 Datasheet HTML 45Page - STMicroelectronics TDA7786 Datasheet HTML 46Page - STMicroelectronics TDA7786 Datasheet HTML 47Page - STMicroelectronics TDA7786 Datasheet HTML 48Page - STMicroelectronics TDA7786 Datasheet HTML 49Page - STMicroelectronics TDA7786 Datasheet HTML 50Page - STMicroelectronics TDA7786 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 54 page
background image
DocID026122 Rev 5
47/54
TDA7786, TDA7786M
Weak signal processing
53
5.1.5
High cut control
Table 40. High cut control - continuous set
Symbol
Parameter
Test condition
Min
Typ
Max
Units
HCFSsp
Start point vs. field strength
minimum RF level for widest
HC filter (filter # 7)
no multipath present
050
50
dBµV
HCFSep
End point vs. field strength
maximum RF level for
narrowest HC filter (filter # 0)
no multipath present
030
40
dBµV
HCFStW2N
Field strength-related
transition time from wide to
narrow band
Vrf step-like variation from
60 dBµV to 10 dBµV
(1)
-
HCFStN2W
Field strength-related
transition time from narrow to
wide band
Vrf step-like variation from
0 dBµV to 60 dBµV
(1)
14
100
s
HCMPsp
Start point vs. multipath
minimum RF level for widest
HC filter (filter # 7)
equivalent 19 kHz AM
modulation depth;
field strength = 80 dBµV
5
10
150 (2)
%
HCMPep
End point vs. multipath
maximum RF level for
narrowest HC filter (filter # 0)
equivalent 19 kHz AM
modulation depth;
field strength = 80 dBµV
5
30
150 (2)
%
HCMPtN2W
Multipath-related transition
time from narrow to wide
band
Vrf step-like variation from
20 dBµV to 80 dBµV
0.001
0.001
20
s
HCMPtW2N
Multipath-related transition
time from wide to narrow
Vrf step-like variation from
80 dBµV to 20 dBµV
0.001
0.001
20
s
HCmaxBW
Maximum cut-off frequency of
high cut filter bank
Filter #7, -3 dB response
frequency, input signal with
pre-emphasis
HCmin
BW
14
18
kHz
HCminBW
Minimum cut-off frequency of
high cut filter bank
Filter #0, -3 dB response
frequency, input signal with
pre-emphasis
0.1
3
HCma
xBW
kHz
HCnumFilt Number of discrete HC filters -
-
8 (3)
--
1. Depends only on field strength filter time constant.
2. Means that 100% equivalent 19 kHz AM modulation depth will not achieve full band narrowing.
3. Intermediate filters (#6 - #1) cut-off frequencies exponentially spaced between HCmaxBW and HCminBW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com