Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7786 Datasheet(PDF) 24 Page - STMicroelectronics

Part # TDA7786
Description  ELITE automotive tuners for AM/FM car-radio
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7786 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TDA7786 Datasheet HTML 20Page - STMicroelectronics TDA7786 Datasheet HTML 21Page - STMicroelectronics TDA7786 Datasheet HTML 22Page - STMicroelectronics TDA7786 Datasheet HTML 23Page - STMicroelectronics TDA7786 Datasheet HTML 24Page - STMicroelectronics TDA7786 Datasheet HTML 25Page - STMicroelectronics TDA7786 Datasheet HTML 26Page - STMicroelectronics TDA7786 Datasheet HTML 27Page - STMicroelectronics TDA7786 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 54 page
background image
Function description
TDA7786, TDA7786M
24/54
DocID026122 Rev 5
The "read" sequence is similar to the "write" and it has the same constraints for start, stop,
data-latching and the following differences:
the chip address must always be sent by the microprocessor to the TDA7786x; the
address must be 0xC3 (if C2 had been selected at boot) or 0xC9 (if 0xC8 had been
selected at boot);
the header is transmitted after the chip address (the same happens for "write") before
data are transferred from the TDA7786x to the microprocessor. See the relevant
technical documentation for details on the frame format;
when data are transmitted from the TDA7786x to the µP, the latter keeps the SDA line
H;
the acknowledge pulse is generated by the µP for those data bytes that are sent by the
TDA7786x to the µP. Failure of the µP to generate an ACK pulse on the 9th CLK pulse
has the same effect on the TDA7786x as a STOP.
The maximum clock speed is 500 kbit/s.
Warning:
When the TDA7786x is not powered on, the internal ESD
protection diodes act as a pull-down keeping the I2C lines
voltage below 2 V. This implies that the I2C bus connected to
the TDA7786x may not be used to drive other devices when
the TDA7786x is powered off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com