Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7786 Datasheet(PDF) 40 Page - STMicroelectronics

Part # TDA7786
Description  ELITE automotive tuners for AM/FM car-radio
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7786 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button TDA7786 Datasheet HTML 36Page - STMicroelectronics TDA7786 Datasheet HTML 37Page - STMicroelectronics TDA7786 Datasheet HTML 38Page - STMicroelectronics TDA7786 Datasheet HTML 39Page - STMicroelectronics TDA7786 Datasheet HTML 40Page - STMicroelectronics TDA7786 Datasheet HTML 41Page - STMicroelectronics TDA7786 Datasheet HTML 42Page - STMicroelectronics TDA7786 Datasheet HTML 43Page - STMicroelectronics TDA7786 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 54 page
background image
Electrical specifications
TDA7786, TDA7786M
40/54
DocID026122 Rev 5
3.5.5
WX overall system performance
Antenna level equivalence: 0 dBµV = 1 µVrms (Antenna terminal voltage with 75
 dummy
load).
Figure 23. WX input set-up
Input level referred to 75
 dummy antenna output; antenna dummy as shown above.
Frf = 162.475 MHz, Vrf = 60 dBµV, mono modulation, fdev = 3 kHz, faudio = 400 Hz audio.
De-emphasis = 75 µs. Application WX using mixer input 2.Unless otherwise specified.
Table 29. AM SW overall system performance
Parameter
Test condition
Min
Typ
Max
Units
Tuning range SW
(can be modified by the user)
2300
-
30000
kHz
Tuning step SW
(can be modified by the user)
-
1
-
kHz
Sensitivity
S/N = 20 dB
-
26
32
dBµV
Ultimate S/N
@ 80 dBµV
63
70
-
dB
AGC F.O.M.
Ref.=74 dBµV
-10 dB drop point
(1)
1. Programmable by software parameters.
58
-
dB
Distortion
M = 80%
-
0.1
0.2
%
Image rejection
-
60
80
-
dB
Table 30. WX overall system performance
Parameter
Test condition
Min
Typ
Max
Units
Sensitivity
S/N = 26 dB
-
-6
-3
dBµV
Ultimate S/N
@ 60 dBµV
70
81
-
dB
Distortion
Deviation= 4.5 kHz
-
0.8
1
%
Max deviation
THD = 3%
5
-
-
kHz
Adjacent channel Selectivity
∆F = 25 kHz, SINAD = 30dB
desired 40 dBµV,
dev = 2.0 kHz, 400 Hz
undesired Dev = 2.0 kHz,
1 kHz
60
70
-
dB
Alternate Channel Selectivity
∆F = 50 kHz, SINAD = 30dB
desired 40 dBµV,
dev = 2.0 kHz, 400 Hz
undesired Dev = 2.0 kHz,
1 kHz
60
70
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com