Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7786 Datasheet(PDF) 36 Page - STMicroelectronics

Part # TDA7786
Description  ELITE automotive tuners for AM/FM car-radio
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7786 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button TDA7786 Datasheet HTML 32Page - STMicroelectronics TDA7786 Datasheet HTML 33Page - STMicroelectronics TDA7786 Datasheet HTML 34Page - STMicroelectronics TDA7786 Datasheet HTML 35Page - STMicroelectronics TDA7786 Datasheet HTML 36Page - STMicroelectronics TDA7786 Datasheet HTML 37Page - STMicroelectronics TDA7786 Datasheet HTML 38Page - STMicroelectronics TDA7786 Datasheet HTML 39Page - STMicroelectronics TDA7786 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 54 page
background image
Electrical specifications
TDA7786, TDA7786M
36/54
DocID026122 Rev 5
Distortion
Deviation= 75 kHz
-
0.05
0.1
%
Max deviation
THD=3%
150
166
-
kHz
Adjacent channel Selectivity
(D/U ratio)
∆F =100 kHz, SINAD=30 dB
Desired 40 dBµV,
dev = 40 kHz, 400 Hz
undesired Dev=40 kHz,
1kHz
20
30
-
dB
Alternate Channel Selectivity
(D/U ratio)
∆F = 200 kHz, SINAD=30 dB
Desired 40 dBµV,
dev = 40 kHz, 400 Hz
undesired Dev=40 kHz,
1kHz
52
62
-
dB
Max. Strong Signal Interferer
(D/U ratio)
Desired = 40 dBµV
SINAD = 30 dB
Undesired
F = 1MHz
75
80
-
dB
3 signal performance
(“wide-band”) application
Desired = 40 dBµV, dev =
40 kHz, 400 Hz,
SINAD = 30 dB
Undesired1 = ± 400 kHz,
dev = 40 kHz, 1 kHz
Undesired2 = ± 800 kHz, no
mod
101
106
-
dBµV
Desired = 40 dBµV,
dev = 40 kHz, 400 Hz,
SINAD = 30 dB
Undesired1 = ±1 MHz,
dev = 40 kHz, 1 kHz
Undesired2 =±2MHz, no mod
105
110
-
dBµV
AM suppression
m= 30 %
60
70
-
dB
Logarithmic field strength
indicator
@40 dBµV
read “FM_Smeter_log”
-0.41
(equiva
lent to
37
dBµV)
-0.38
-0.35
(equiv
alent
to 43
dBµV)
-
Table 26. FM overall system performance (continued)
Parameter
Test condition
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com