Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP032D-RBLA3 Datasheet(PDF) 82 Page - Integrated Silicon Solution, Inc

Part # IS25LP032D-RBLA3
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032D-RBLA3 Datasheet(HTML) 82 Page - Integrated Silicon Solution, Inc

Back Button IS25LP032D-RBLA3 Datasheet HTML 78Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 79Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 80Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 81Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 82Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 83Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 84Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 85Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 86Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 118 page
background image
IS25LP032D
IS25WP032D
Integrated Silicon Solution, Inc.- www.issi.com
82
Rev. A12
08/04/2020
8.37 INFORMATION ROW PROGRAM OPERATION (IRP, 62h)
The Information Row Program (IRP) instruction allows up to 256 bytes data to be programmed into the memory in
a single operation. Before the execution of IRP instruction, the Write Enable Latch (WEL) must be enabled through
a Write Enable (WREN) instruction.
The IRP instruction code, three address bytes and program data (1 to 256 bytes) should be sequentially input.
Three address bytes has to be input as specified in the Table 8.7 Information Row Valid Address Range. Program
operation will start once the CE# goes high, otherwise the IRP instruction will not be executed. The internal control
logic automatically handles the programming voltages and timing. The progress or completion of the program
operation can be determined by reading the WIP bit in Status Register via a RDSR instruction. If the WIP bit is “1”,
the program operation is still in progress. If WIP bit is
“0”, the program operation has completed.
If more than 256 bytes data are sent to a device, the address counter rolls over within the same page. The
previously latched data are discarded and the last 256 bytes data are kept to be programmed into the page. The
starting byte can be anywhere within the page. When the end of the page is reached, the address will wrap around
to the beginning of the same page. If the data to be programmed are less than a full page, the data of all other
bytes on the same page will remain unchanged.
Note: A program operation can alter “1”s into “0”s, The same byte location or Information Row array may be
programmed more than once to incrementally change “1” to “0”s. An erase operation is required to change “0”s
back to “1”s.
Figure 8.61 IRP (Information Row Program) Sequence
Instruction = 62h
23
CE #
SCK
SI
7
6
SO
7
3-byte Address
High Impedance
22
...
0
Data In 1
Data In 256
0
1
...
7
8
9
...
31
32
33
...
39
...
...
Mode 3
Mode 0
...
0
...
...
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com