Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP032D-RBLA3 Datasheet(PDF) 92 Page - Integrated Silicon Solution, Inc

Part # IS25LP032D-RBLA3
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032D-RBLA3 Datasheet(HTML) 92 Page - Integrated Silicon Solution, Inc

Back Button IS25LP032D-RBLA3 Datasheet HTML 88Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 89Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 90Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 91Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 92Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 93Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 94Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 95Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 96Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 118 page
background image
IS25LP032D
IS25WP032D
Integrated Silicon Solution, Inc.- www.issi.com
92
Rev. A12
08/04/2020
FAST READ QUAD IO DTR MODE OPERATION IN QPI MODE (FRQDTR, EDh)
The FRQDTR instruction in QPI mode utilizes all four IO lines to input the instruction code so that only two clocks
are required, while the FRQDTR instruction requires that the byte-long instruction code is shifted into the device
only via IO0 line in eight clocks. As a result, 6 command cycles will be reduced by the FRQDTR instruction in QPI
mode. In addition, subsequent address and data out are shifted in/out via all four IO lines like the FRQDTR
instruction. In fact, except for the command cycle, the FRQDTR operation in QPI mode is exactly same as the
FRQDTR operation in SPI mode.
It is not required to set QE bit
to “1”.before Fast Read Quad I/O DTR instruction in QPI mode.
The sequence of issuing FRQDTR instruction in QPI mode is: CE# goes low  Sending FRQDTR instruction (4-
bit per clock)  24-bit address interleave on IO3, IO2, IO1 & IO0 (8-bit per clock)  6 dummy clocks (configurable,
default is 6 clocks)  Data out interleave on IO3, IO2, IO1 & IO0 (8-bit per clock)  End FRQDTR operation by
driving CE# high at any time during data out.
If AXh (
where X is don’t care) is input for the mode bits during dummy cycles, the device will enter AX read operation
mode which enables subsequent FRQDTR execution skips command code. When the code is different from AXh,
the device exits the AX read operation. After finishing the read operation, device becomes ready to receive a new
command.
If the FRQDTR instruction in QPI mode is issued while a Program/Erase/Write Status Register cycle is in progress
(WIP=1), the instruction will be rejected without any effect on the current cycle.
Figure 8.69 FRQDTR Sequence In QPI Mode (with command decode cycles)
Instruction
= EDh
CE #
SCK
3-byte Address
0
1
2
3
4
5
6
7
8
9
10
11
12
Mode 3
Mode 0
tV
20 16 12
5 1
21 17 13
4 0
IO0
IO1
22 18 14
23 19 15
8 4
0
9 5
1
10 6
2
11 7
3
6 Dummy Cycles
IO2
IO3
6 2
7 3
5 1
4 0
6 2
7 3
Data
Out
Data
Out
5 1
4 0
6 2
7 3
Mode Bits
...
4
0
5
1
6
2
7
3
...
...
...
...
Notes:
1. If the mode bits=AXh (
where X is don’t care), it can execute the AX read mode (without command). When the mode
bits are different from AXh, the device exits the AX read operation.
2. Number of dummy cycles depends on clock speed. Detailed information in Table 6.11 Read Dummy Cycles.
3. Sufficient dummy cycles are required to avoid I/O contention. If the number of dummy cycles and AX bit cycles are
same, then X should be Hi-Z.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com