Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP032D-RBLA3 Datasheet(PDF) 17 Page - Integrated Silicon Solution, Inc

Part # IS25LP032D-RBLA3
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032D-RBLA3 Datasheet(HTML) 17 Page - Integrated Silicon Solution, Inc

Back Button IS25LP032D-RBLA3 Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 17Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 18Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 19Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 21Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 118 page
background image
IS25LP032D
IS25WP032D
Integrated Silicon Solution, Inc.- www.issi.com
17
Rev. A12
08/04/2020
Table 5.3 JEDEC
Basic Flash Parameter Table (Continued)
Description
Address
(Byte)
Address
(Bit)
Data
Supports (2-2-2) Fast Read
40h
0
0
Reserved
3:1
111b
Supports (4-4-4) Fast Read
4
1
Reserved
7:5
111b
Reserved
43:41h
31:8
FFFFFFh
Reserved
45:44h
15:0
FFFFh
2-2-2 Fast Read Wait Cycle Count
46h
20:16
00000b
2-2-2 Fast Read Mode bit Cycle Count
23:21
000b
2-2-2 Fast Read Instruction
47h
31:24
FFh
Reserved
49:48h
15:0
FFFFh
4-4-4 Fast Read Wait Cycle Count
4Ah
20:16
00100b
4-4-4 Fast Read Mode bit Cycle Count
23:21
010b
4-4-4 Fast Read Instruction
4Bh
31:24
EBh
Erase Type 1 Size (4KB)
4Ch
7:0
0Ch
Erase Type 1 Instruction
4Dh
15:8
20h
Erase Type 2 Size (32KB)
4Eh
23:16
0Fh
Erase Type 2 Instruction
4Fh
31:24
52h
Erase Type 3 Size (64KB)
50h
7:0
10h
Erase Type 3 Instruction
51h
15:8
D8h
Erase Type 4 Size (256KB)
52h
23:16
00h
Erase Type 4 Instruction
53h
31:24
FFh
Multiplier from typical erase time to maximum erase time
57:54h
3:0
0011b
Sector Type 1 ERASE time (typ)
8:4
00100b
10:9
01b
Sector Type 2 ERASE time (typ)
15:11
00110b
17:16
01b
Sector Type 3 ERASE time (typ)
22:18
01001b
24:23
01b
Sector Type 4 ERASE time (typ)
29:25
00000b
31:30
00b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com