Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP032D-RBLA3 Datasheet(PDF) 89 Page - Integrated Silicon Solution, Inc

Part # IS25LP032D-RBLA3
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032D-RBLA3 Datasheet(HTML) 89 Page - Integrated Silicon Solution, Inc

Back Button IS25LP032D-RBLA3 Datasheet HTML 85Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 86Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 87Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 88Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 89Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 90Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 91Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 92Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 93Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 118 page
background image
IS25LP032D
IS25WP032D
Integrated Silicon Solution, Inc.- www.issi.com
89
Rev. A12
08/04/2020
8.41 FAST READ QUAD I/O DTR MODE OPERATION IN SPI MODE (FRQDTR, EDh)
The FRQDTR instruction enables Double Transfer Rate throughput on quad I/O of the device in read mode.
A Quad Enable (QE) bit of Status Register must be set to "1" before sending the Fast Read Quad I/O instruction.
The address (interleave on 4 I/O pins) is latched on both rising and falling edge of SCK, and data (interleave on 4
I/O pins) shift out on both rising and falling edge of SCK at a maximum frequency. The 8-bit address can be latched-
in at one clock, and 8-bit data can be read out at one clock, which means four bits at the rising edge of clock, the
other four bits at the falling edge of clock.
The first address byte can be at any location. The address is automatically increased to the next higher address
after each byte data is shifted out, so the whole memory can be read out with a single FRQDTR instruction. The
address counter rolls over to 0 when the highest address is reached. Once writing FRQDTR instruction, the
following address/dummy/data out will perform as 8-bit instead of previous 1-bit.
The sequence of issuing FRQDTR instruction is: CE# goes low  Sending FRQDTR instruction (1-bit per clock)
 24-bit address interleave on IO3, IO2, IO1 & IO0 (8-bit per clock)  6 dummy clocks (configurable, default is 6
clocks)  Data out interleave on IO3, IO2, IO1 & IO0 (8-bit per clock)  End FRQDTR operation by driving CE#
high at any time during data out.
If AXh (
where X is don’t care) is input for the mode bits during dummy cycles, the device will enter AX read operation
mode which enables subsequent FRQDTR execution skips command code. It saves cycles as described in Figure
8.68. When the code is different from AXh, the device exits the AX read operation. After finishing the read operation,
device becomes ready to receive a new command.
If the FRQDTR instruction is issued while a Program/Erase/Write Status Register cycle is in progress (WIP=1), the
instruction will be rejected without any effect on the current cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com