Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP032D-RBLA3 Datasheet(PDF) 33 Page - Integrated Silicon Solution, Inc

Part # IS25LP032D-RBLA3
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032D-RBLA3 Datasheet(HTML) 33 Page - Integrated Silicon Solution, Inc

Back Button IS25LP032D-RBLA3 Datasheet HTML 29Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 30Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 31Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 32Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 33Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 34Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 35Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 36Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 37Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 118 page
background image
IS25LP032D
IS25WP032D
Integrated Silicon Solution, Inc.- www.issi.com
33
Rev. A12
08/04/2020
Instruction
Name
Operation
Mode
Byte0
Byte1
Byte2
Byte3
Byte4
Byte5
Byte6
IRER
Erase
Information
Row
SPI
QPI
64h
A
<23:16>
A
<15:8>
A
<7:0>
IRP
Program
Information
Row
SPI
QPI
62h
A
<23:16>
A
<15:8>
A
<7:0>
PD
(256byte)
IRRD
Read
Information
Row
SPI
QPI
68h
A
<23:16>
A
<15:8>
A
<7:0>
Dummy
Byte
Data out
SECUN-
LOCK
Sector Unlock
SPI
QPI
26h
A
<23:16>
A
<15:8>
A
<7:0>
SECLOCK
Sector Lock
SPI
QPI
24h
RDABR
Read AutoBoot
Register
SPI
QPI
14h
WRABR
Write AutoBoot
Register
SPI
QPI
15h
Data in 1
Data in 2
Data in 3
Data in 4
Notes:
1. The number of dummy cycles depends on the value setting in the Table 6.11 Read Dummy Cycles.
2.
AXh has to be counted as a part of dummy cycles. X means “don’t care”.
3.
XX means “don’t care”.
4. A<23:9> are
“don’t care” and A<8:4> are always “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com