Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP032D-RBLA3 Datasheet(PDF) 88 Page - Integrated Silicon Solution, Inc

Part # IS25LP032D-RBLA3
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032D-RBLA3 Datasheet(HTML) 88 Page - Integrated Silicon Solution, Inc

Back Button IS25LP032D-RBLA3 Datasheet HTML 84Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 85Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 86Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 87Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 88Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 89Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 90Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 91Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 92Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 118 page
background image
IS25LP032D
IS25WP032D
Integrated Silicon Solution, Inc.- www.issi.com
88
Rev. A12
08/04/2020
Figure 8.66 FRDDTR AX Read Sequence (without command decode cycles)
IO0
IO1
3-byte Address
...
...
tV
22 20 18
7 5 3 1 7 5 3 1 7 5 3 1
4 Dummy Cycles
23 21 19
...
6 4 2 0 6 4 2 0 6 4 2 0
Data Out
Data Out
Data Out
16 14 12
17 15 13
10
11
SCK
0
1
2
...
6
7
8
9
10
11
12
13
14
15
16
Mode 3
Mode 0
CE #
7 5 3 1
6 4 2 0
0
1
Mode Bits
...
...
Notes:
1. If the mode bits=AXh (
where X is don’t care), it will keep executing the AX read mode (without command). When the
mode bits are different from AXh, the device exits the AX read operation.
2. Number of dummy cycles depends on clock speed. Detailed information in Table 6.11 Read Dummy Cycles.
3. Sufficient dummy cycles are required to avoid I/O contention. If the number of dummy cycles and AX bit cycles are
same, then X should be Hi-Z.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com