Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP032D-RBLA3 Datasheet(PDF) 44 Page - Integrated Silicon Solution, Inc

Part # IS25LP032D-RBLA3
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032D-RBLA3 Datasheet(HTML) 44 Page - Integrated Silicon Solution, Inc

Back Button IS25LP032D-RBLA3 Datasheet HTML 40Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 41Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 42Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 43Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 44Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 45Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 46Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 47Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 48Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 118 page
background image
IS25LP032D
IS25WP032D
Integrated Silicon Solution, Inc.- www.issi.com
44
Rev. A12
08/04/2020
8.7 FAST READ QUAD I/O OPERATION (FRQIO, EBh)
The FRQIO instruction allows the address bits to be input four bits at a time. This may allow for code to be executed
directly from the SPI in some applications.
A Quad Enable (QE) bit of Status Register must be set to "1" before sending the Fast Read Quad I/O instruction.
The FRQIO instruction code is followed by three address bytes (A23
– A0) and dummy cycles (configurable, default
is 6 clocks), transmitted via the IO3, IO2, IO1 and IO0 lines, with each group of four bits latched-in during the rising
edge of SCK. The address of MSB inputs on IO3, the next bit on IO2, the next bit on IO1, the next bit on IO0, and
continue to shift in alternating on the four. Depending on the usage of AX read operation mode, a mode byte may
be located after address input.
The first data byte addressed is shifted out on the IO3, IO2, IO1 and IO0 lines, with each group of four bits shifted
out at a maximum frequency fCT, during the falling edge of SCK. The first bit (MSB) is output on IO3, while
simultaneously the second bit is output on IO2, the third bit is output on IO1, etc. Figure 8.8 illustrates the timing
sequence.
The first byte addressed can be at any memory location. The address is automatically incremented after each byte
of data is shifted out. When the highest address is reached, the address counter will roll over to the 000000h
address, allowing the entire memory to be read with a single FRQIO instruction. FRQIO instruction is terminated
by driving CE# high (VIH).
The device supports the AX read operation by applying mode bits during dummy period. Mode bits consist of 8
bits, such as M7 to M0. Two cycles after address input are reserved for Mode bits in FRQIO execution. M7 to M4
are important for enabling this mode. M3 to M0 become don’t care for future use. When M[7:4]=1010(Ah), it enables
the AX read operation and subsequent FRQIO execution skips command code. It saves cycles as described in
Figure 8.9. When the code is different from AXh (
where X is don’t care), the device exits the AX read operation.
After finishing the read operation, device becomes ready to receive a new command. SPI or QPI mode configuration
retains the prior setting. Mode bit must be applied during dummy cycles. Number of dummy cycles in Table 6.11
includes number of mode bit cycles. If dummy cycles are configured as 6 cycles, data output will start right after
mode bits and 4 additional dummy cycles are applied.
If the FRQIO instruction is issued while an Erase, Program or Write cycle is in process (WIP=1) the instruction is
ignored and will not have any effects on the current cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com