Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP032D-RBLA3 Datasheet(PDF) 9 Page - Integrated Silicon Solution, Inc

Part # IS25LP032D-RBLA3
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032D-RBLA3 Datasheet(HTML) 9 Page - Integrated Silicon Solution, Inc

Back Button IS25LP032D-RBLA3 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 13Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 118 page
background image
IS25LP032D
IS25WP032D
Integrated Silicon Solution, Inc.- www.issi.com
9
Rev. A12
08/04/2020
2. PIN DESCRIPTIONS
SYMBOL
TYPE
DESCRIPTION
CE#
INPUT
Chip Enable: The Chip Enable (CE#) pin enables and disables the devices
operation. When CE# is high the device is deselected and output pins are in a high
impedance state. When deselected the devices non-critical internal circuitry power
down to allow minimal levels of power consumption while in a standby state.
When CE# is pulled low the device will be selected and brought out of standby mode.
The device is considered active and instructions can be written to, data read, and
written to the device. After power-up, CE# must transition from high to low before a
new instruction will be accepted.
Keeping CE# in a high state deselects the device and switches it into its low power
state. Data will not be accepted when CE# is high.
SI (IO0),
SO (IO1)
INPUT/OUTPUT
Serial Data Input, Serial Output, and IOs (SI, SO, IO0, and IO1):
This device supports standard SPI, Dual SPI, and Quad SPI operation. Standard SPI
instructions use the unidirectional SI (Serial Input) pin to write instructions,
addresses, or data to the device on the rising edge of the Serial Clock (SCK).
Standard SPI also uses the unidirectional SO (Serial Output) to read data or status
from the device on the falling edge of the serial clock (SCK).
In Dual and Quad SPI mode, SI and SO become bidirectional IO pins to write
instructions, addresses or data to the device on the rising edge of the Serial Clock
(SCK) and read data or status from the device on the falling edge of SCK. Quad
SPI instructions use the WP# and HOLD# pins as IO2 and IO3 respectively.
WP# (IO2)
INPUT/OUTPUT
Write Protect/Serial Data IO (IO2): The WP# pin protects the Status Register from
being written in conjunction with the SRWD bit. When the SRWD is set to “1” and the
WP# is pulled low, the Status Register bits (SRWD, QE, BP3, BP2, BP1, BP0) are
write-protected and vice-
versa for WP# high. When the SRWD is set to “0”, the Status
Register is not write-protected regardless of WP# state.
When the QE bit is set to “1”, the WP# pin (Write Protect) function is not available
since this pin is used for IO2.
HOLD# (IO3)
or
RESET# (IO3)
INPUT/OUTPUT
HOLD# or RESET#/Serial Data IO (IO3): When the QE bit of Status Register is set
to “1”, HOLD# pin or RESET# is not available since it becomes IO3.
Most packages except for 16-pin SOIC and 24-ball BGA:
When QE=0, the pin acts as HOLD# or RESET# and either one can be selected by
the P7 bit setting in Read Register. HOLD# will be selected if P7=0 (Default) and
RESET# will be selected if P7=1.
16-pin SOIC and 24-ball BGA packages :
-
When QE=0 and Dedicated RESET# is Enabled (Default), the pin acts as
HOLD# regardless of the P7 bit setting in Read Register.
-
When QE=0 and Dedicated RESET# is Disabled, the pin acts as HOLD# or
RESET# and either one can be selected by the P7 bit setting in Read Register.
HOLD# will be selected if P7=0 (Default) and RESET# will be selected if P7=1.
The HOLD# pin allows the device to be paused while it is selected. It pauses serial
communication by the master device without resetting the serial sequence. The
HOLD# pin is active low. When HOLD# is in a low state and CE# is low, the SO pin
will be at high impedance. Device operation can resume when HOLD# pin is brought
to a high state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com