Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP032D-RBLA3 Datasheet(PDF) 83 Page - Integrated Silicon Solution, Inc

Part # IS25LP032D-RBLA3
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032D-RBLA3 Datasheet(HTML) 83 Page - Integrated Silicon Solution, Inc

Back Button IS25LP032D-RBLA3 Datasheet HTML 79Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 80Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 81Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 82Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 83Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 84Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 85Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 86Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 87Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 118 page
background image
IS25LP032D
IS25WP032D
Integrated Silicon Solution, Inc.- www.issi.com
83
Rev. A12
08/04/2020
8.38 INFORMATION ROW READ OPERATION (IRRD, 68h)
The IRRD instruction is used to read memory data at up to a 133MHz clock.
The IRRD instruction code is followed by three address bytes (A23 - A0) and dummy cycles (configurable, default
is 8 clocks), transmitted via the SI line, with each bit latched-in during the rising edge of SCK. Then the first data
byte addressed is shifted out on the SO line, with each bit shifted out at a maximum frequency fCT, during the falling
edge of SCK.
The address is automatically incremented by one after each byte of data is shifted out. Once the address reaches
the last address of each 256 byte Information Row, the next address will not be valid and the data of the address
will be garbage data. It is recommended to repeat four times IRRD operation that reads 256 byte with a valid starting
address of each Information Row in order to read all data in the 4 x 256 byte Information Row array. The IRRD
instruction is terminated by driving CE# high (VIH).
If an IRRD instruction is issued while an Erase, Program or Write cycle is in process (WIP=1) the instruction is
ignored and will not have any effects on the current cycle.
The sequence of IRRD instruction is same as FAST READ except for the instruction code. IRRD QPI sequence is
also same as FAST READ QPI except for the instruction code. Refer to the FAST READ QPI operation.
Figure 8.62 IRRD (Information Row Read) Sequence
Instruction = 68h
Dummy Cycles
CE #
SCK
SI
SO
0
1
...
7
8
9
...
31
32
33
...
39
40
41
...
47
Mode 3
Mode 0
3 Byte Address
Data Out
tV
...
Note: Dummy cycles depends on Read Parameter setting. Detailed information in Table 6.11 Read Dummy Cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com