Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP032D-RBLA3 Datasheet(PDF) 27 Page - Integrated Silicon Solution, Inc

Part # IS25LP032D-RBLA3
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032D-RBLA3 Datasheet(HTML) 27 Page - Integrated Silicon Solution, Inc

Back Button IS25LP032D-RBLA3 Datasheet HTML 23Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 24Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 25Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 26Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 27Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 28Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 29Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 30Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 31Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 118 page
background image
IS25LP032D
IS25WP032D
Integrated Silicon Solution, Inc.- www.issi.com
27
Rev. A12
08/04/2020
6.3.2 EXTENDED READ REGISTER
Table 6.12 and Table 6.13 define all bits that control features in SPI/QPI modes. The ODS2, ODS1, ODS0 (EB7,
EB6, EB5) bits provide a method to set and control driver strength. The four bits (EB3, EB2, EB1, EB0) are read-
only bits and may be checked to know what the WIP status is or whether there is an error during an Erase, Program,
or Write/Set Register operation. These bits are not affected by SERPNV or SERPV commands. EB4 bit remains
reserved for future use.
The SET EXTENDED READ PARAMETERS Operations (SERPNV: 85h, SERPV: 83h) are used to set all the
Extended Read Register bits, and can thereby define the output driver strength used during READ modes. SRPNV
is used to set the non-volatile register and SRPV is used to set the volatile register.
Table 6.12 Extended Read Register Bit Table
EB7
EB6
EB5
EB4
EB3
EB2
EB1
EB0
ODS2
ODS1
ODS0
Reserved
E_ERR
P_ERR
PROT_E
WIP
Default
1
1
1
1
0
0
0
0
Table 6.13 Extended Read Register Bit Definition
Bit
Name
Definition
Read-
/Write
Type
EB0
WIP
Write In Progress Bit:
Has exactly same function as the bit0 (WIP) of Status Register
“0”: Ready, “1”: Busy
R
Volatile
EB1
PROT_E
Protection Error Bit:
"0" indicates no error
"1" indicates protection error in an Erase or a Program operation
R
Volatile
EB2
P_ERR
Program Error Bit:
"0" indicates no error
"1" indicates an Program operation failure or protection error
R
Volatile
EB3
E_ERR
Erase Error Bit:
"0" indicates no error
"1" indicates a Erase operation failure or protection error
R
Volatile
EB4
Reserved
Reserved
R
Reserved
EB5
ODS0
Output Driver Strength:
Output Drive Strength can be selected according to Table 6.14
R/W
Non-Volatile
and Volatile
EB6
ODS1
R/W
Non-Volatile
and Volatile
EB7
ODS2
R/W
Non-Volatile
and Volatile
Table 6.14 Driver Strength Table
ODS2
ODS1
ODS0
Description
Remark
0
0
0
Reserved
0
0
1
12.50%
0
1
0
25%
0
1
1
37.50%
1
0
0
Reserved
1
0
1
75%
1
1
0
100%
1
1
1
50%
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com