Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP032D-RBLA3 Datasheet(PDF) 99 Page - Integrated Silicon Solution, Inc

Part # IS25LP032D-RBLA3
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032D-RBLA3 Datasheet(HTML) 99 Page - Integrated Silicon Solution, Inc

Back Button IS25LP032D-RBLA3 Datasheet HTML 95Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 96Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 97Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 98Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 99Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 100Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 101Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 102Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 103Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 118 page
background image
IS25LP032D
IS25WP032D
Integrated Silicon Solution, Inc.- www.issi.com
99
Rev. A12
08/04/2020
9. ELECTRICAL CHARACTERISTICS
9.1 ABSOLUTE MAXIMUM RATINGS (1)
Storage Temperature
-65°C to +150°C
Input Voltage with Respect to Ground on All Pins
-0.5V to VCC + 0.5V
All Output Voltage with Respect to Ground
-0.5V to VCC + 0.5V
VCC
IS25LP
-0.5V to +6.0V
IS25WP
-0.5V to +2.5V
Electrostatic Discharge Voltage (Human Body Model)(2)
-2000V to +2000V
Notes:
1.
Applied conditions greater than those listed in “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect reliability.
2. ANSI/ESDA/JEDEC JS-001
9.2 OPERATING RANGE
Operating Temperature
Extended Grade E
-40°C to 105°C
Automotive Grade A3
-40°C to 125°C
VCC Power Supply
IS25LP
2.3V (VMIN)
– 3.6V (VMAX); 3.0V (Typ)
IS25WP
1.65V (VMIN)
–1.95V (VMAX); 1.8V (Typ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com