Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP032D-RBLA3 Datasheet(PDF) 38 Page - Integrated Silicon Solution, Inc

Part # IS25LP032D-RBLA3
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032D-RBLA3 Datasheet(HTML) 38 Page - Integrated Silicon Solution, Inc

Back Button IS25LP032D-RBLA3 Datasheet HTML 34Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 35Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 36Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 37Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 38Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 39Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 40Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 41Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 42Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 118 page
background image
IS25LP032D
IS25WP032D
Integrated Silicon Solution, Inc.- www.issi.com
38
Rev. A12
08/04/2020
8.3 HOLD OPERATION
HOLD# is used in conjunction with CE# to select the device. When the device is selected and a serial sequence is
underway, HOLD# can be used to pause the serial communication with the master device without resetting the
serial sequence. To pause, HOLD# is brought low while the SCK signal is low. To resume serial communication,
HOLD# is brought high while the SCK signal is low (SCK may still toggle during HOLD). Inputs to SI will be ignored
while SO is in the high impedance state, during HOLD.
Note: HOLD# is not supported in DTR mode or with QE=1 or when RESET# is selected for the HOLD# or RESET# pin.
Timing graph can be referenced in AC Parameters Figure 9.4.
8.4 FAST READ DUAL I/O OPERATION (FRDIO, BBh)
The FRDIO allows the address bits to be input two bits at a time. This may allow for code to be executed directly
from the SPI in some applications.
The FRDIO instruction code is followed by three address bytes (A23
– A0) and dummy cycles (configurable, default
is 4 clocks), transmitted via the IO1 and IO0 lines, with each pair of bits latched-in during the rising edge of SCK.
The address MSB is input on IO1, the next bit on IO0, and this shift pattern continues to alternate between the two
lines. Depending on the usage of AX read operation mode, a mode byte may be located after address input.
The first data byte addressed is shifted out on the IO1 and IO0 lines, with each pair of bits shifted out at a maximum
frequency fCT, during the falling edge of SCK. The MSB is output on IO1, while simultaneously the second bit is
output on IO0. Figure 8.4 illustrates the timing sequence.
The first byte addressed can be at any memory location. The address is automatically incremented by one after
each byte of data is shifted out. When the highest address is reached, the address counter will roll over to the
000000h address, allowing the entire memory to be read with a single FRDIO instruction. FRDIO instruction is
terminated by driving CE# high (VIH).
The device supports the AX read operation by applying mode bits during dummy period. Mode bits consist of 8
bits, such as M7 to M0. Four cycles after address input are reserved for Mode bits in FRDIO execution. M7 to M4
are important for enabling this mode.
M3 to M0 become don’t care for future use. When M[7:4]=1010(Ah), it enables
the AX read operation and subsequent FRDIO execution skips command code. It saves cycles as described in
Figure 8.5. When the code is different from AXh (
where X is don’t care), the device exits the AX read operation.
After finishing the read operation, device becomes ready to receive a new command. SPI or QPI mode configuration
retains the prior setting. Mode bit must be applied during dummy cycles. Number of dummy cycles in Table 6.11
includes number of mode bit cycles. If dummy cycles are configured as 4 cycles, data output will start right after
mode bit is applied.
If the FRDIO instruction is issued while an Erase, Program or Write cycle is in process (WIP=1) the instruction is
ignored and will not affect the current cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com