Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP032D-RBLA3 Datasheet(PDF) 28 Page - Integrated Silicon Solution, Inc

Part # IS25LP032D-RBLA3
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032D-RBLA3 Datasheet(HTML) 28 Page - Integrated Silicon Solution, Inc

Back Button IS25LP032D-RBLA3 Datasheet HTML 24Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 25Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 26Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 27Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 28Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 29Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 30Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 31Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 32Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 118 page
background image
IS25LP032D
IS25WP032D
Integrated Silicon Solution, Inc.- www.issi.com
28
Rev. A12
08/04/2020
WIP bit: The definition of the WIP bit is exactly same as the one of Status Register.
PROT_E bit: The Protection Error bit indicates whether an Erase or Program operation has attempted to modify a
protected array sector or
block, or to access a locked Information Row region. When the bit is set to “1” it indicates
that there was an error or errors in previous Erase or Program operations. See Table 6.15 for details.
P_ERR bit: The Program Error bit indicates whether a Program operation has succeeded or failed, or whether a
Program operation has attempted to program a protected array sector/block or a locked Information Row region.
When the bit is set to “1” it indicates that there was an error or errors in previous Program or Write/Set Non-Volatile
Register operations. See Table 6.15 for details.
E_ERR bit: The Erase Error bit indicates whether an Erase operation has succeeded or failed, or whether an Erase
operation has attempted to erase a protected array sector/block or a locked Information Row region. When the bit
is set to “1” it indicates that there was an error or errors in previous Erase or Write/Set Non-Volatile Register
operations. See Table 6.15 for details.
Table 6.15 Instructions to set PROT_E, P_ERR, or E_ERR bit
Instructions
Description
PP/PPQ
The commands will set the P_ERR if there is a failure in the operation. Attempting to program
within the protected array sector/block or within an erase suspended sector/block will result in
a programming error with P_ERR and PROT_E
set to “1”.
IRP
The command will set the P_ERR if there is a failure in the operation. In attempting to program
within a locked Information Row region, the operation will fail with P_ERR and PROT_E set to
1.
WRSR/WRABR/SRPNV/
SERPNV
The update process for the non-volatile register bits involves an erase and a program operation
on the non-volatile register bits. If either the erase or program portion of the update fails, the
related error bit (P_ERR or E_ERR)
will be set to “1”.
Only for WRSR command, when Status Register is write-protected by SRWD bit and WP# pin,
attempting to write the register will set PROT_E and E_ERR to “1”.
WRFR
The commands will set the P_ERR if there is a failure in the operation.
SER/BER32K/BER64K/CER/
IRER
The commands will set the E_ERR if there is a failure in the operation. E_ERR and PROT_E
will be set to “1” when the user attempts to erase a protected main memory sector/block or a
locked Information Row region. Chip Erase (CER) command will set E_ERR and PROT_E if
any Block Protection bits (BP3~BP0) are not 0. .
Notes:
1.
OTP bits in the Function Register may only be programmed to “1”. Writing of the bits back to “0” is ignored and no
error is set.
2. Read only bits in registers are never modified by a command so that the corresponding bits in the Write/Set Register
command data byte are ignored without setting any error indication.
3.
Once the PROT_E, P_ERR, and E_ERR error bits are set to “1”, they remains set to “1” until they are cleared to “0”
with a Clear Extended Read Register (CLERP) command. This means that those error bits must be cleared through
the CLERP command. Alternatively, Hardware Reset, or Software Reset may be used to clear the bits.
4. Any further command will be executed even though
the error bits are set to “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com