Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP032D-RBLA3 Datasheet(PDF) 73 Page - Integrated Silicon Solution, Inc

Part # IS25LP032D-RBLA3
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032D-RBLA3 Datasheet(HTML) 73 Page - Integrated Silicon Solution, Inc

Back Button IS25LP032D-RBLA3 Datasheet HTML 69Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 70Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 71Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 72Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 73Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 74Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 75Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 76Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 77Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 118 page
background image
IS25LP032D
IS25WP032D
Integrated Silicon Solution, Inc.- www.issi.com
73
Rev. A12
08/04/2020
8.29 READ PRODUCT IDENTIFICATION (RDID, ABh)
The Release from Power-down/Read Device ID instruction is a multi-purpose instruction. It can support both SPI
and QPI modes. The Read Product Identification (RDID) instruction is for reading out the old style of 8-bit Electronic
Signature, whose values are shown as table of Product Identification.
The RDID instruction code is followed by three dummy bytes, each bit being latched-in on SI during the rising SCK
edge. Then the Device ID is shifted out on SO with the MSB first, each bit been shifted out during the falling edge
of SCK. The RDID instruction is ended by driving CE# high. The Device ID (ID7-ID0) outputs repeatedly if additional
clock cycles are continuously sent to SCK while CE# is at low.
Table 8.5 Product Identification
Manufacturer ID
(MF7-MF0)
ISSI Serial Flash
9Dh
Instruction
ABh
90h
9Fh
Part Number
Device ID (ID7-ID0)
Memory Type + Capacity
(ID15-ID0)
IS25LP032D
15h
6016h
IS25WP032D
15h
7016h
Figure 8.50 Read Product Identification Sequence In SPI Mode
Device ID
(ID7-ID0)
Data Out
32
33
...
39
Instruction = ABh
CE #
SCK
SI
SO
0
1
...
7
8
9
...
31
Mode 3
Mode 0
3 Dummy Bytes
tV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com