Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP032D-RBLA3 Datasheet(PDF) 30 Page - Integrated Silicon Solution, Inc

Part # IS25LP032D-RBLA3
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032D-RBLA3 Datasheet(HTML) 30 Page - Integrated Silicon Solution, Inc

Back Button IS25LP032D-RBLA3 Datasheet HTML 26Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 27Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 28Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 29Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 30Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 31Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 32Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 33Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 34Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 118 page
background image
IS25LP032D
IS25WP032D
Integrated Silicon Solution, Inc.- www.issi.com
30
Rev. A12
08/04/2020
7. PROTECTION MODE
The device supports hardware and software write-protection mechanisms.
7.1 HARDWARE WRITE PROTECTION
The Write Protection (WP#) pin provides a hardware write protection method for BP3, BP2, BP1, BP0, SRWD, and
QE in the Status Register. Refer to the section 6.1 STATUS REGISTER.
Write inhibit voltage (VWI) is specified in the section 9.8 POWER-UP AND POWER-DOWN. All write sequence will
be ignored when Vcc drops to VWI.
Table 7.1 Hardware Write Protection on Status Register
SRWD
WP#
Status Register
0
Low
Writable
1
Low
Protected
0
High
Writable
1
High
Writable
Note: Before the execution of any program, erase or write Status Register instruction, the Write Enable Latch (WEL)
bit must be enabled by executing a Write Enable (WREN) instruction. If the WEL bit is not enabled, the program,
erase or write register instruction will be ignored.
7.2 SOFTWARE WRITE PROTECTION
The device also provides a software write protection feature. The Block Protection (BP3, BP2, BP1, BP0) bits allow
part or the whole memory area to be write-protected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com