Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP032D-RBLA3 Datasheet(PDF) 37 Page - Integrated Silicon Solution, Inc

Part # IS25LP032D-RBLA3
Description  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP032D-RBLA3 Datasheet(HTML) 37 Page - Integrated Silicon Solution, Inc

Back Button IS25LP032D-RBLA3 Datasheet HTML 33Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 34Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 35Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 36Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 37Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 38Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 39Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 40Page - Integrated Silicon Solution, Inc IS25LP032D-RBLA3 Datasheet HTML 41Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 118 page
background image
IS25LP032D
IS25WP032D
Integrated Silicon Solution, Inc.- www.issi.com
37
Rev. A12
08/04/2020
FAST READ OPERATION IN QPI MODE (FRD, 0Bh)
The FAST READ (FRD) instruction is used also in QPI mode to read memory data at up to a 133MHz clock.
The FAST READ instruction code (2 clocks) is followed by three address bytes (A23-A0
— 6 clocks) and dummy
cycles (configurable, default is 6 cycles), transmitted via the IO3, IO2, IO1 and IO0 lines, with each bit latched-in
during the rising edge of SCK. Then the first data byte addressed is shifted out on the IO3, IO2, IO1 and IO0 lines,
with each bit shifted out at a maximum frequency fCT, during the falling edge of SCK.
The first byte addressed can be at any memory location. The address is automatically incremented by one after
each byte of data is shifted out. When the highest address is reached, the address counter will roll over to the
000000h address, allowing the entire memory to be read with a single FAST READ instruction. The FAST READ
instruction in QPI mode is terminated by driving CE# high (VIH).
If the FAST READ instruction is issued while an Erase, Program or Write cycle is in process (WIP=1) the instruction
is ignored without affecting the current cycle.
The Fast Read sequence in QPI mode is also applied to the commands in the following table 8.3.
Table 8.3 Instructions that Fast Read sequence in QPI Mode is applied to
Instruction Name
Operation
Hex Code
FRQIO
Fast Read Quad I/O
EBh
RDUID
Read Unique ID
4Bh
IRRD
Read Information Row
68h
Figure 8.3 Fast Read Sequence In QPI Mode
0Bh
CE#
SCK
IO[3:0]
6 Dummy Cycles
3-byte Address
0
1
2
3
4
5
6
7
8
9
...
13
14
15
16
17
Mode 3
Mode 0
23:20
7:4
3:0
7:4
3:0
Data 1
Data 2
19:16 15:12 11:8
7:4
3:0
...
tV
...
Instruction
Note: Number of dummy cycles depends on Read Parameter setting. Detailed information in Table 6.11 Read Dummy
Cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com