Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24AP2-USBQ32-R Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # NRF24AP2-USBQ32-R
Description  Single-chip ANT ultra-low power wireless network solution
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NRF24AP2-USBQ32-R Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button NRF24AP2-USBQ32-R Datasheet HTML 4Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 5Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 6Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 7Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 8Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 9Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 10Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 11Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
Revision 1.0
Page 8 of 44
nRF24AP2-USB Product Specification
2.1
Features
Features of the nRF24AP2-USB include:
•
Ultra low power 2.4 GHz transceiver
World wide 2.4 GHz ISM band
operation
Based on nRF24L01+ transceiver
GFSK modulation
1 Mbps on-air data rate
1 MHz frequency resolution
78 RF channels
-85 dBm sensitivity
Up to 0 dBm output power
•
ANT protocol stack
Full implementation of the physical,
data link, network- and transport
OSI layers
Packet-based communication – 8 byte
payload per packet
Optimized for ultra-low power
operation
•
ANT channels
Logic communication channel
between ANT nodes
nRF24AP2USB support up to 8
channels–ideal for hubs
Built-in timing and power management
Built-in interference handling
Configurable channel period
5.2 ms - 2 s
Broadcast,acknowledgedand burst
communication modes
Burst data rate up to 20 kbps
•
Device search and pairing
Wild-card searches
Proximity searches
Specific searches
Automatic link establishment if
correct device is found
Automatic re-link attempt if link is lost
Configurable search timeout
•
Network topologies
Point-to- point and star networks using
independent ANT channels
Shared networks: Polled data collection
(N:1) by using ANT shared channel
option
Broadcast networks: Mass distribution
of data (1:N)
•
Network management / ANT+
Supports public and private (managed)
networks
Support for ANT+
system implementations enabling multi-
vendor interoperability
•
ANT core stack enhancements
Background scanning channel
Continuous scanning mode
High density node support
Improved channel search
Channel ID management
Improved transmission power control
on a per channel basis
Frequency agility
Proximity search
•
Power Management
Fully controlled by ANT protocol stack
On-chip voltage regulator
USB supply operation
4.0 to 5.25V supply range
•
On-chip oscillators and clock inputs
16 MHz crystal oscillator supporting low-
cost crystals
•
Host interface
USB v2.0 compatible
On-chip pull-up resistor on D+
Two control endpoints and two bulk
endpoints
Suspend and resume power
management functions
USB drivers and ANT command
libraries supported by ANT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com