Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24AP2-USBQ32-R Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # NRF24AP2-USBQ32-R
Description  Single-chip ANT ultra-low power wireless network solution
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NRF24AP2-USBQ32-R Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button NRF24AP2-USBQ32-R Datasheet HTML 19Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 20Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 21Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 22Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 23Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 24Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 25Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 26Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
Revision 1.0
Page 23 of 44
nRF24AP2-USB Product Specification
The device descriptor contains basic information about the device such as the supported USB version,
maximum packet size, vendor and product IDs.
Table 5. Device descriptors
The configuration descriptor specifies how the device is powered, the maximum power consumption, and
the number of interfaces used.
Table 6. Configuration descriptor
Field
Notes
Value
Description
bLength
0x12
18
bDescriptorType
0x01
DEVICE
bcdUSB
0x0200
2.0
bDeviceClass
0x00
Class defined at inter-
face level
bDeviceSubClass
0x00
Subclass defined at
interface level
bDeviceProtocol
0x00
None
bMaxPacketSize0
0x20
32
idVendor
a
a. These fields can be customized with your own value
0x0FCF
Dynastream
Innovations, Inc.
idProduct
a
0x1008
0x1008
bcdDevice
0x0100
1.0
iManufacturer
0x01
1
iProduct
0x02
2
iSerialNumber
0x03
3
bNumConfigurations
0x01
1
Field
Notes
Value
Description
bLength
0x09
Valid
bDescriptorType
0x02
CONFIGURATION
wTotalLength
0x0020
32 bytes
bNumInterface
0x01
1
bConfigurationValue
0x01
1
iConfiguration
0x02
2
bmAttributes. Reserved
0x00
Zero
bmAttributes.
RemoteWakeup
0x0
Not supported
bmAttributes. SelfPowered
0x0
No, Bus powered
bmAttributes. Reserved7
0x1
One
bMaxPower
0x32
100 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com