Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24AP2-USBQ32-R Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # NRF24AP2-USBQ32-R
Description  Single-chip ANT ultra-low power wireless network solution
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NRF24AP2-USBQ32-R Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button NRF24AP2-USBQ32-R Datasheet HTML 3Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 4Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 5Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 6Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 7Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 8Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 9Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 10Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
Revision 1.0
Page 7 of 44
nRF24AP2-USB Product Specification
2
Product overview
ANT is a demonstrably superior Wireless Sensor Network (WSN) RF protocol for almost all practical ultra-
low power networking applications – from simple point-to-point links to complex networks. Embedded in
nRF24AP2 devices, it is paired up with Nordic Semiconductor's market leading 2.4 GHz radio technology.
The combination gives you a high performance-, ultra-low-power network connectivity to applications.
The nRF24AP2-USB, with its USB v2.0 compatible serial interface, is made specifically to act as a bridge
between an ANT wireless network and backbone infrastructure. Backbone infrastructure can be advanced
user interfaces, storage on a computer or other USB enabled equipment.
Figure 1. on page 7 shows a network in which a network node with nRF24AP2-USB embedded, communi-
cates with up to eight ANT nodes. An example might be a computer collecting data from a hub (a watch) in
a portable ANT sensor network containing several sensors (like heart rate-, speed and distance sensors).
The 8-channel nRF24AP2-USB node can of course also set up ANT channels with other nodes (gym
equipment, for instance). The information collected though nRF24AP2-USB can then be used either locally
or shared with others over local networks or internet.
Figure 1. Simple setup with nRF24AP2-USB
See Figure 10. on page 19 for more complex ANT-network topologies.
Internet
Computer with
nRF24AP2-USB
stick
.
.
.
.
.
.
node
2
node
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com