Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24AP2-USBQ32-R Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # NRF24AP2-USBQ32-R
Description  Single-chip ANT ultra-low power wireless network solution
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NRF24AP2-USBQ32-R Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button NRF24AP2-USBQ32-R Datasheet HTML 7Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 8Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 9Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 10Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 11Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 12Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 13Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 14Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
Revision 1.0
Page 11 of 44
nRF24AP2-USB Product Specification
2.4.1
Power supply pins
VBUS and VSS are the power supply and ground pins. The nRF24AP2-USB can operate from a single
power supply.
The nRF24AP2-USB contains an on-chip regulator that produces +3.3V on the VDD pins, from the VBUS
supply line (4.0 – 5.25V). Alternatively, the VBUS pin can be left open and the VDD pins may be fed from an
external 3.3V supply. In this case, the on-chip 3.3V regulator is switched off.
2.4.2
Reset pin
The RESET pin provides an optional reset when the nRF24AP2-USB is placed in a system that has a
master reset source, this pin is not needed for normal application. Pull RESET pin low for minimum 0.2 μs
and return to high, this will reset the nRF24AP2-USB to the default state. Connect RESET pin to VDD if not
used in the application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com