Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24AP2-USBQ32-R Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # NRF24AP2-USBQ32-R
Description  Single-chip ANT ultra-low power wireless network solution
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NRF24AP2-USBQ32-R Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button NRF24AP2-USBQ32-R Datasheet HTML 36Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 37Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 38Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 39Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 40Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 41Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 42Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 43Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 44Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
Revision 1.0
Page 40 of 44
nRF24AP2-USB Product Specification
11.2
Schematics
Figure 25. Schematic nRF24AP2-USB
VSS
23
ANT1
21
VDD_PA
20
VDD
1
RESET
8
VSS
7
D+
4
D-
5
VSS
6
VBUS
2
VSS
18
VDD
3
VDD
24
ANT2
22
VSS
17
VDD
19
nRF24AP2-USB
U1
nRF24AP2-USB
15pF
C2
15pF
C1
GND
GND
VDD
GND
33nF
C7
D-
D+
22ohm
R3
22ohm
R4
GND
GND
GND
22kohm
R2
GND
33nF
C10
33nF
C9
VDD
33nF
C8
GND
33nF
C11
VDD
GND
VBUS
16MHz
X1
6.8nH
L1
2.2nF
C3
NA
C4
4.7nH
L3
6.8nH
L2
1.2pF
C5
1.0pF
C6
GND
GND
GND
1uF
C12
GND
10ohm
R6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com