Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24AP2-USBQ32-R Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # NRF24AP2-USBQ32-R
Description  Single-chip ANT ultra-low power wireless network solution
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NRF24AP2-USBQ32-R Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button NRF24AP2-USBQ32-R Datasheet HTML 25Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 26Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 27Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 28Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 29Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 30Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 31Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 32Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
Revision 1.0
Page 29 of 44
nRF24AP2-USB Product Specification
When the host is ready to receive bulk data it will send an IN token packet to the IN endpoint (0x81). The
nRF24AP2-USB will either send a DATA packet if one is ready, send a STALL if an error occurred, send a
NAK if it no data is ready yet or do nothing if the IN token was not received properly. Finally the host will
send an ACK handshake packet if it successfully received the DATA packet.
Figure 20. Bulk OUT transfer
When the host wants to send bulk data to the nRF24AP2-USB it will send an OUT token packet to the OUT
endpoint (0x01). This will be followed by a DATA packet containing the bulk data. If the nRF24AP2-USB
received the data successfully it will return an ACK handshaking packet. If an error occurred during pro-
cessing, the nRF24AP2-USB will return a STALL. If the nRF24AP2-USB is still busy processing the previ-
ous DATA packet, a NAK will be returned. If any part of the OUT token or DATA packet was corrupted or
missing the nRF24AP2-USB will do nothing.
5.3.7.2
Bulk transfer example
The libraries available from ANT contain all the supported messages to configure and use the nRF24AP2-
USB. Figure 21. shows an example of a serial message passing between the host and device.
In this example the host issues an ANT_RequestMessage() in the data packet to read the ANT version of
the device. We have included hexadecimal values to help you should you need to debug the host serial
interface.
Figure 21. Example of OUT transfer (with varying level of detail)
Figure 22. Example of IN transfer (with varying level of detail)
ACK
OUT
DATA
STALL
(error)
NAK
(not ready)
nRF24AP2- USB
Host
ACK
OUT
DATA
ANT_RequestMessage(0x3E)
”A4 02 4D 00 3E D5"
ACK
IN
DATA
ResponseFunc (-, 0x3E)
”A4 0B 3E 41 50 32 55 53 42 31 2E
30 34 00 ED"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com