Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24AP2-USBQ32-R Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # NRF24AP2-USBQ32-R
Description  Single-chip ANT ultra-low power wireless network solution
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NRF24AP2-USBQ32-R Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button NRF24AP2-USBQ32-R Datasheet HTML 5Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 6Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 7Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 8Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 9Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 10Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 11Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 12Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
Revision 1.0
Page 9 of 44
nRF24AP2-USB Product Specification
2.2
Block diagram
nRF24AP2 is composed of five main blocks as shown in Figure 2. The blocks indicate the interface, power
management, the ANT protocol engine, on-chip oscillators and the RF transceiver.
Figure 2. Block diagram of nRF24AP2 solution
To find more information about each block in the diagram, see Table 1.
Table 1. Block diagram cross references
Name
Reference
RF transceiver
Chapter 3 on page 12
ANT protocol engine
Chapter 4 on page 13
USB interfaces
Chapter 5 on page 21
On-chip oscillators
Chapter 6 on page 30
Power management
Chapter 8 on page 33
nRF24AP2
Computer
16 MHz
DEC1
Iref
DEC2
VSS
VDD
ANT1
ANT2
VDD_PA
ANT protocol
engine
Ultra low power
2.4 GHz
transceiver
USB
Power
management
On-chip
oscillators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com