Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24AP2-USBQ32-R Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # NRF24AP2-USBQ32-R
Description  Single-chip ANT ultra-low power wireless network solution
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NRF24AP2-USBQ32-R Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button NRF24AP2-USBQ32-R Datasheet HTML 20Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 21Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 22Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 23Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 24Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 25Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 26Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 27Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
Revision 1.0
Page 24 of 44
nRF24AP2-USB Product Specification
The interface descriptor contains information about the number of endpoints and their class.
Table 7. Interface descriptor
Endpoint descriptors contain information about the transfer type, interval and the packet size. The host will
use the information to decide on the requirements for the bus. The nRF24AP2-USB uses two endpoints for
communication with the host, one configured as IN and the other as OUT.
Table 8. Endpoint descriptor 1 IN
Table 9. Endpoint descriptor 1 OUT
Field
Notes
Value
Description
bLength
0x09
Valid
bDescriptorType
0x04
INTERFACE
bInterfaceNumber
0x00
0
bAlternateSetting
0x00
0
bNumEndpoints
0x02
2
bInterfaceClass
0xFF
Vendor-specific
bInterfaceSubClass
0x00
Vendor-specific
bInterfaceProtocol
0x00
None
iInterface
0x02
2
Field
Notes
Value
Description
bLength
0x07
Valid
bDescriptorType
0x05
ENDPOINT
bEndpointAddress
0x81
1 IN
bmAttributes.
TransferType
0x2
Bulk
bmAttributes. Reserved
0x00
Zero
wMaxPacketSize
0x0040
64 bytes
bInterval
0x01
Ignored for full speed,
Bulk endpoints
Field
Notes
Value
Description
bLength
0x07
Valid
bDescriptorType
0x05
ENDPOINT
bEndpointAddress
0x01
1 OUT
bmAttributes.
TransferType
0x2
Bulk
bmAttributes. Reserved
0x00
Zero
wMaxPacketSize
0x0040
64 bytes
bInterval
0x01
Ignored for full speed,
Bulk endpoints



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com