Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24AP2-USBQ32-R Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # NRF24AP2-USBQ32-R
Description  Single-chip ANT ultra-low power wireless network solution
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NRF24AP2-USBQ32-R Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button NRF24AP2-USBQ32-R Datasheet HTML 6Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 7Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 8Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 9Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 10Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 11Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 12Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 13Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
Revision 1.0
Page 10 of 44
nRF24AP2-USB Product Specification
2.3
Pin Assignments
Figure 3. nRF24AP2-USB pin assignment (top view) for a QFN32 5x5 mm package
2.4
Pin Functions
Table 2. nRF24AP2-USB pin functions
Pin
Name
Type
Description
21, 22
ANT1, ANT2
RF
Differential antenna connection (TX and RX)
5, 4
D-, D+
Digital I/O
Differential USB connection
28, 29
DEC1, DEC2
Power
Power supply outputs for de-coupling purposes
25
IREF
Analog Input Device reference current output. To be connected
to reference resistor on PCB
10, 11, 13, 14,
15, 16
NC
NC
Not connected
8
RESET
Digital Input Reset, active low. Connect to VDD if not used
2
VBUS
Power
USB power supply
1, 3, 9,
19, 24, 27
VDD
Power
Alternative power supply pins. The VDD pins must
always be connected and de-coupled externally.
20
VDD_PA
Power Output Power supply output (+1.8V) for on-chip RF Power
amplifier
6, 7, 12, 17,
18, 23, 26, 30
VSS
Power
Ground (0V)
32, 31
XC1, XC2
Analog Input Connection for 16 MHz crystal
Exposed die
pad
Power/heat
relief
Not connected
VDD
VBUS
VDD
D+
D-
VSS
VSS
RESET
VDD
VSS
ANT2
ANT1
VDD_PA
VDD
VSS
VSS
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
9
10
11
12
13
14
15
16
25
26
27
28
29
30
31
32
nRF24AP2-USB
QFN32 5X5
Exposed die pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com