Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24AP2-USBQ32-R Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # NRF24AP2-USBQ32-R
Description  Single-chip ANT ultra-low power wireless network solution
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NRF24AP2-USBQ32-R Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button NRF24AP2-USBQ32-R Datasheet HTML 13Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 14Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 15Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 16Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 17Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 18Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 19Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 20Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
Revision 1.0
Page 17 of 44
nRF24AP2-USB Product Specification
Channel ID, search and pairing
The primary parameters which two ANT nodes use to identify each other make up the channel ID. Once
an ANT channel is established, the channel ID parameters must of course match; but they don’t have to
be known by both nodes (pre-configured) to be able to establish an ANT channel.
When an nRF24AP2 configured as a master (set in channel type) opens an ANT channel, it will broadcast
its entire channel ID. Hence you must configure all three channel ID parameters before opening an ANT
channel as a master.
On the other hand, in a slave you can configure nRF24AP2 to search for and connect with both known and
unknown masters. To connect with a known master you must configure the Transmission type, Device
type and Device number in nRF24AP2 before opening the ANT channel.
You can also configure the nRF24AP2 to conduct wild-card searches on one or more of the three parame-
ters in the channel ID to enable it to pair up with unknown masters. You can for instance set only the
Device type of the masters you want to link up with, and set wild cards on the Transmission type and
Device number. If a new master with a matching Device type is found, the slave device will connect and
store the unknown parts of the channel ID. The new parts of the channel ID can then be stored in the host
MCU to enable specific searches for this master later.
4.2.4
Proximity search
When using the basic search and pairing algorithm a slave will automatically identify and connect to the
first master it finds matching the search criteria. In areas where you either have a high density of similar
master nodes or high density of independent ANT networks, there is always the chance that multiple mas-
ters are found within the coverage area. This presents the risk that it is not the master you want to connect
to that is found first. The proximity search feature in ANT designates ‘bins’ of proximity from 1 (closest) to
10 (furthest) as shown in Figure 9. on page 17.
Figure 9. Standard search (a), Proximity search (b), showing bins 1-5 (of maximum 10)
This ‘binning’ enables you to further control your search, for example by only accepting the master that is
closest (only accepting masters that fall in bin 1-2). This makes it easy for a user to pair up network nodes
and prevent accidental connection to nodes possibly belonging to another network close by.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com