Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24AP2-USBQ32-R Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # NRF24AP2-USBQ32-R
Description  Single-chip ANT ultra-low power wireless network solution
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NRF24AP2-USBQ32-R Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button NRF24AP2-USBQ32-R Datasheet HTML 12Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 13Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 14Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 15Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 16Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 17Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 18Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 19Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
Revision 1.0
Page 16 of 44
nRF24AP2-USB Product Specification
Table 3. ANT channel ID
The channel configuration parameters are static system parameters that must match in the master and
slave, and the channel ID is included in all transmissions identifying the two nodes for each other. For in-
depth details on each parameter please refer to ANT Message Protocol and Usage.
Network
In addition to setting the content of the channel ID, which is the primary ID of an ANT node, ANT nodes
can limit their connectivity to a selection of other ANT nodes by defining a network for each ANT channel.
The limited access to certain networks is managed through unique network keys
The defined ANT networks are:
1.
Public networks: These are open ANT networks with no limitation on connectivity. All ANT
nodes sharing the same channel configuration (by design or by accident) will be able to connect.
This is the default setting in nRF24AP2.
2.
Managed networks: These are ANT networks managed by special interest groups or alliances.
An example is the ANT+ alliance for sport and wellness products. To join the ANT+ alliance,
please visit www.thisisant.com. By joining the ANT+ alliance and complying with the ANT+
device profiles set by the alliance, you achieve two goals:
Limited connectivity: Only other ANT+ compliant devices can connect on this channel.
Interoperability: Your node can connect to ANT+ compliant products from other vendors.
3.
Private networks: Your own protected networks, and no other devices, will be able to connect to
your ANT nodes unless you share the network key with someone outside the network. Please
note that this requires purchase of a unique network key from ANT, see www.thisisant.com.
Since the network parameter can be chosen independently for each ANT channel, one ANT node can
have up to eight ANT channels, operating on different networks at the same time.
Note: The network parameter has no impact on the network topologies you can build. It is merely a
tool to protect your ANT network and prevent accidental or deliberate access from other ANT
nodes.
Parameter
Comment
Channel configuration
Channel period
Time interval between data exchanges on this
channel (5.2 ms - 2 s)
RF frequencies
Which of the 78 available RF frequencies is used
by this channel
Channel type
Bi-directional slave, bi-directional master, shared
bi-directional slave, Slave Receive only
Network type
Decides if this ANT channel is going to be gener-
ally accessible (public) to all ANT nodes, or if it
shall limit its connectivity to devices belonging to a
managed or private network
Channel ID
Transmission type
1 byte – Identifying characteristics of the transmis-
sion, can for instance contain codes on how pay-
load is to be interpreted
Device type
1 byte - ID to identify the device type of the chan-
nel master (Ex: heartrate belt, temperature sensor
etc.)
Device number
2 byte - Unique ID for this channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com