Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24AP2-USBQ32-R Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # NRF24AP2-USBQ32-R
Description  Single-chip ANT ultra-low power wireless network solution
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NRF24AP2-USBQ32-R Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button NRF24AP2-USBQ32-R Datasheet HTML 30Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 31Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 32Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 33Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 34Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 35Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 36Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 37Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
Revision 1.0
Page 34 of 44
nRF24AP2-USB Product Specification
Table 17. Transceiver characteristics
8.1
USB interface
The USB interface electrical performance is compliant with the USB specification 2.0.
Table 18. USB interface characteristics
P_IM(4)
Input power of IM interferers at 4 and
8 MHz distance from wanted signal
g
-36
dBm
P_IM(5)
Input power of IM interferers at 5 and
10 MHz distance from wanted signal
g
-36
dBm
a. Usable band is determined by local regulations.
b. Data rate in each burst on-air.
c. The minimum channel spacing is 1 MHz.
d. Antenna load impedance = 15
Ω + j88 Ω.
e. Wanted signal level at Pin = 64 dBm. Two interferers with equal input power are used. The interferer clos-
est in frequency is unmodulated, the other interferer is modulated equal to the wanted signal. The input
power of interferers where the sensitivity equals BER=0.1% is presented.
Characteristic
Symbol
Conditions
Min.
Typ.
Max
Unit
Electrical characteristics
Input high voltage (driven)
VIH
2.0
V
Input low voltage
VIL
0.8
V
Differential input sensitivity
VDI
|(D+) – (D-)|
0.2
V
Differential common mode range
VCM
Includes VDI
range
0.8
2.5
V
Single ended receiver threshold
VSE
0.8
2.0
V
Single ended receiver hysteresis
VSEH
200
mV
Output low voltage
VOL
0
0.3
V
Output high voltage
VOH
2.8
3.6
V
Differential output signal cross-point
voltage
VCRS
1.3
2.0
V
Internal pull-up resistor (Standby
mode)
RPU1
900
1100
1575
Ω
Internal pull-up resistor (Active mode)
RPU2
1425
2100
3090
Ω
Termination voltage connected to RPU
VTRM
3.05
3.5
V
Output driver resistance (does not
include the series resistance)
ZDRV
Steady state
drive
15
Ω
Timing characteristics
Driver rise time
TFR
CL=50pF
4
20
ns
Driver fall time
TFF
CL=50pF
4
20
ns
Rise/fall time matching
TFRFF
TRF / TFF
90
111
%
Transceiver pad capacitance
CIN
Pad to ground
20
pF
Symbol
Parameter (condition)
Notes
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com