Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24AP2-USBQ32-R Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # NRF24AP2-USBQ32-R
Description  Single-chip ANT ultra-low power wireless network solution
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NRF24AP2-USBQ32-R Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button NRF24AP2-USBQ32-R Datasheet HTML 29Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 30Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 31Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 32Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 33Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 34Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 35Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 36Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
Revision 1.0
Page 33 of 44
nRF24AP2-USB Product Specification
8
Electrical specifications
This section contains electrical and timing specifications.
Conditions: VDD = 3.0V, TA = −40ºC to +85ºC (unless otherwise noted)
Symbol
Parameter (condition)
Notes
Min.
Typ.
Max.
Units
General RF conditions
fOP
Operating frequency
a
2400
2403-2480 2483.5
MHz
PLLres
PLL Programming resolution
1
MHz
fXTAL
Crystal frequency
16
MHz
Δf
Frequency deviation
±160
kHz
RGFSK
Air data rate
b
1000
kbps
FCHANNEL Non-overlapping channel spacing
c
1MHz
Transmitter operation
PRF
Maximum output power
d
0+4
dBm
PRFC
RF power control range
16
18
20
dB
PRFCR
RF power accuracy
±4
dB
PBW1
20dB bandwidth for modulated carrier
950
1100
kHz
PRF1.1
1st Adjacent Channel Transmit Power 1
MHz
-20
dBc
PRF2.1
2nd Adjacent Channel Transmit Power
2 MHz
-40
dBc
Receiver operation
RXMAX
Maximum received signal at < 0.1%
BER
0dBm
RXSENS
Sensitivity (0.1% BER)
-85
dBm
RX selectivity according to ETSI EN 300 440-1 V1.3.1 (2001-09) page 27
C/ICO
C/I co-channel
9
dBc
C/I1ST
1st ACS, C/I 1 MHz
8dBc
C/I2ND
2nd ACS, C/I 2 MHz
-20
dBc
C/I3RD
3rd ACS, C/I 3 MHz
-30
dBc
C/INth
Nth ACS, C/I fi > 6 MHz
-40
dBc
C/INth
Nth ACS, C/I fi > 25 MHz
-47
dBc
RX selectivity with nRF24AP2 equal modulation on interfering signal (Pin = -67dBm for wanted
signal)
C/ICO
C/I co-channel
12
dBc
C/I1ST
1st ACS, C/I 1 MHz
8dBc
C/I2ND
2nd ACS, C/I 2 MHz
-21
dBc
C/I3RD
3rd ACS, C/I 3 MHz
-30
dBc
C/INth
Nth ACS, C/I fi > 6 MHz
-40
dBc
C/INth
Nth ACS, C/I fi > 25 MHz
-50
dBc
RX intermodulation performance in line with Bluetooth specification version 2.0, 4th November
2004, page 42
P_IM(3)
Input power of IM interferers at 3 and
6 MHz distance from wanted signal
e
-36
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com