Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24AP2-USBQ32-R Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # NRF24AP2-USBQ32-R
Description  Single-chip ANT ultra-low power wireless network solution
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NRF24AP2-USBQ32-R Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button NRF24AP2-USBQ32-R Datasheet HTML 28Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 29Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 30Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 31Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 32Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 33Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 34Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 35Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
Revision 1.0
Page 32 of 44
nRF24AP2-USB Product Specification
7
Operating conditions
Table 15. Operating conditions
Table 16. External circuitry specification
Symbol
Parameter (condition)
Notes Min.
Typ.
Max. Units
VBUS
Supply voltage
4.0
5
5.25
V
VDD
Alternative supply voltage
3.05
3.27
3.5
V
TEMP
Operating Temperature
-40
+27
+85
ºC
Symbol
Parameter (condition)
Notes
Min.
Typ.
Max.
Unit
16 MHz crystal
fNOM
Nominal frequency (parallel resonant)
16.000
MHz
fTOL
Frequency tolerance
a
a. Includes initial accuracy, stability over temperature, aging and frequency pulling due to incorrect load
capacitance
±50
ppm
CL
Load capacitance
9
16
pF
C0
Shunt capacitance
3
7
pF
ESR
Equivalent series resistance
50
100
Ω
PD
Drive level
100
µW
Bias resistor (IREF pin to GND)
Rref
Resistance
22
kΩ
Rrefacc
Tolerance
1
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com