Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24AP2-USBQ32-R Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # NRF24AP2-USBQ32-R
Description  Single-chip ANT ultra-low power wireless network solution
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NRF24AP2-USBQ32-R Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button NRF24AP2-USBQ32-R Datasheet HTML 10Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 11Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 12Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 13Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 14Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 15Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 16Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 17Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
Revision 1.0
Page 14 of 44
nRF24AP2-USB Product Specification
4.2.1
ANT nodes
All ANT networks are built up of nodes. See the ANT node represented in Figure 6. on page 14. A node
can be anything from a simple sensor to a complex, collection unit like a watch or computer. Common to all
nodes is that they contain an ANT engine (nRF24AP2) handling all connectivity to other nodes and a host
processor handling the application features. nRF24AP2 interfaces to the host processor through a serial
interface, and all configuration and control are performed using a simple command library.
Figure 6. The ANT node
4.2.2
ANT channels
nRF24AP2 can establish one or up to eight logic channels, called ANT channels, to other ANT nodes. The
number of ANT channels available depends on the nRF24AP2 variant being used.
Figure 7. ANT nodes and the channel between them
The simplest ANT channel is called an independent channel and consists of two nodes, one acting as
master, the other as slave for this channel. For each ANT channel opened, nRF24AP2 will set up and
manage a synchronous wireless link, exchanging data packets with other ANT nodes at preset time
intervals called channel periods. See Figure 8. on page 15. The master controls the timing of a channel,
that is to say, it will always initiate communication between the nodes. The slave locks on to the timing set
by the master, receives the transmissions from the master and can then (if configured so) send acknowl-
edge and/or data (if any) back to the master.
Host MCU
nRF24AP2
(ANT engine)
Node
Serial interface
Host MCU
nRF24AP2
(ANT engine)
Node 1
Host MCU
nRF24AP2
(ANT engine)
Node 2
Channel A
Master
Slave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com