Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24AP2-USBQ32-R Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # NRF24AP2-USBQ32-R
Description  Single-chip ANT ultra-low power wireless network solution
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NRF24AP2-USBQ32-R Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button NRF24AP2-USBQ32-R Datasheet HTML 23Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 24Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 25Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 26Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 27Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 28Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 29Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 30Page - List of Unclassifed Manufacturers NRF24AP2-USBQ32-R Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
Revision 1.0
Page 27 of 44
nRF24AP2-USB Product Specification
Figure 15. Status stage
The status stage is used to verify the status of the overall request. For a control write transfer the status
stage will start with an IN token packet. The nRF24AP2-USB will reply with a DATA packet of zero length
if the overall request was successful. A STALL will be returned if an error occurred at any point during the
processing of the transfer. A NAK will be returned if the nRF24AP2-USB is still busy processing the trans-
fer. Finally the host will send an ACK handshake packet to indicate that it received the status.
5.3.6.2
Control read transfer
Figure 16. Setup stage
The setup stage starts with a SETUP token packet, followed by a DATA packet detailing the type of
request. Finally an ACK handshake packet is sent back by the nRF24AP2-USB if the setup data has been
received correctly, otherwise nothing is sent back.
Figure 17. Data stage (optional)
When the request indicates that the host wants to receive control data, the data stage will be made up of
one or more IN transfers. Each IN transfer will start with an IN token packet. The nRF24AP2-USB can
reply with a DATA packet, a STALL indicating an error has occurred or a NAK indicating that the data is not
DATA0
(0 Bytes)
IN
ACK
STALL
(error)
NAK
(not ready)
ACK
SETUP
nRF24AP2-USB
Host
DATA0
DATAx
IN
ACK
STALL
(error)
NAK
(not ready)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com