Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF5024AMBA0ES Datasheet(PDF) 25 Page - NXP Semiconductors

Part # MPF5024AMBA0ES
Description  Power management integrated circuit (PMIC) for high performance applications
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5024AMBA0ES Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button MPF5024AMBA0ES Datasheet HTML 21Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 22Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 23Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 24Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 25Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 26Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 27Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 28Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 93 page
background image
NXP Semiconductors
PF5024
Power management integrated circuit (PMIC) for high performance applications
PF5024
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
25 / 93
Table 19. Power down regulator group bits
OTP_SWx_PDGRP[1:0]
OTP_PGOOD_PDGRP[1:0]
OTP_RESETBMCU_PDGRP[1:0]
SWx_PDGRP[1:0]
PGOOD_PDGRP[1:0]
RESETBMCU_PDGRP[1:0]
Description
00
00
Regulator belongs to Group 4
01
01
Regulator belongs to Group 3
10
10
Regulator belongs to Group 2
11
11
Regulator belongs to Group 1
If PGOOD pin is used as a GPO, the PGOOD_PDGRP[1:0] is used to turn off the
PGOOD pin in a specific group during the power down sequence. If PGOOD pin is used
in power good mode, it is recommended that the OTP_PGOOD_PDGRP bits are set
to 11 to ensure the group power down sequencer does not detect these bits as part of
Group 4.
Each one of power down groups have programmable time delay registers to set the time
delay after the regulators in this group have been turned off, and the next group can start
to power down.
Table 20. Power down counter delay
OTP bits
OTP_GRPx_DLY[1:0]
Functional bits
GRPx_DLY[1:0]
Power down delay
(µs)
00
00
120
01
01
250
10
10
500
11
11
1000
If RESETBMCU is required to be asserted first before any of the external regulators from
the corresponding group, the RESETBMCU_DLY provides a selectable delay to disable
the regulators after RESETBMCU is asserted.
Table 21. Programmable delay after RESETBMCU is asserted
OTP bits
OTP_RESETBMCU_DLY[1:0]
Functional bits
RESETBMCU_DLY[1:0]
RESETBMCU delay
(µs)
00
00
No delay
01
01
10
10
10
100
11
11
500
If RESETBMCU_DLY is set to 0x00, all regulators in the same power down group as
RESETBMCU is disabled at the same time RESETBMCU is asserted.
Figure 10 shows an example of the power down sequence when PWRDWN_MODE = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com