Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF5024AMBA0ES Datasheet(PDF) 55 Page - NXP Semiconductors

Part # MPF5024AMBA0ES
Description  Power management integrated circuit (PMIC) for high performance applications
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5024AMBA0ES Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button MPF5024AMBA0ES Datasheet HTML 51Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 52Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 53Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 54Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 55Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 56Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 57Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 58Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 93 page
background image
NXP Semiconductors
PF5024
Power management integrated circuit (PMIC) for high performance applications
PF5024
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
55 / 93
Table 47. OV threshold configuration register
OTP_SWxOV_TH
OV threshold level
00
105 %
01
107 %
10
109 %
11
111 %
Two functional bits are provided to program the UV debounce time for the voltage
regulators.
Table 48. UV debounce timer configuration
UV_DB[1:0]
UV debounce time
00
5 µs
01
15 µs
10
30 µs
11
40 µs
The default value of the UV_DB[1:0] upon a full register reset is 0b10.
Two functional bits to program the OV debounce time for all the voltage regulators.
Table 49. OV debounce timer configuration
OV_DB[1:0]
OV debounce time
00
30 µs
01
50 µs
10
80 µs
11
125 µs
The default value of the OV_DB[1:0] upon a full register reset is 0b00.
The VMON_EN bits enable or disable the OV/UV monitor for each one of the external
regulators (SWxVMON_EN).
• When the VMON_EN bit of a specific regulator is 1, the voltage monitor for that specific
regulator is enabled.
• When the VMON_EN bit of a specific regulator is 0, the voltage monitor for that specific
regulator is disabled.
By default, the VMON_EN bits are set to 1 on power up.
When the I2C_SECURE_EN = 1, a secure write must be performed to set or clear the
VMON_EN bits to enable or disable the voltage monitoring for a specific regulator.
On enabling a regulator, the UV/OV monitor is masked until the corresponding regulator
reaches the point of regulation. If a voltage monitor is disabled, the UV_S and OV_S
indicators from that monitor are reset to 0.
Figure 24 shows the PF5024 voltage monitoring architecture.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com