Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF5024AMBA0ES Datasheet(PDF) 82 Page - NXP Semiconductors

Part # MPF5024AMBA0ES
Description  Power management integrated circuit (PMIC) for high performance applications
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5024AMBA0ES Datasheet(HTML) 82 Page - NXP Semiconductors

Back Button MPF5024AMBA0ES Datasheet HTML 78Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 79Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 80Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 81Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 82Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 83Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 84Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 85Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 86Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 93 page
background image
NXP Semiconductors
PF5024
Power management integrated circuit (PMIC) for high performance applications
PF5024
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
82 / 93
18.3 ABIST verification
The PF5024 ASIL B implements an ABIST verification of all output voltage monitors as
well as PGOOD pin. The ABIST verification on the output voltage monitoring behaves as
follows:
• Device tests the OV comparators for each individual SWx supply during the self-test
routine
• Device tests the UV comparators for each individual SWx supply during the self-test
routine
• During the ABIST verification, it is required to ensure the corresponding OV/UV
comparators are able to toggle, which in turn is a sign of the integrity of these functions
• If any of the comparators is not able to toggle, a warning bit is set on the I2C register
map.
– The ABIST_OV1 register contains the AB_SWx_OV bits for all external regulators.
– The ABIST_UV1 register contains the AB_SWx_UV bits for all external regulators.
• The ABIST registers are cleared or overwritten each time the ABIST check is
performed.
• The ABIST registers are part of the secure registers and will require an I2C secure write
to be cleared if this feature is enabled.
Once ABIST check is performed, the PF5024 can proceed with the power up sequence
and the MCU should be able to request the value of these registers and learn if ABIST
failed for any of the voltage monitors.
The AB_RUN bit is provided to perform an ABIST verification on demand.
When the AB_RUN bit is set to 1, the control logic perform an ABIST verification on all
OV/UV monitoring circuits. When the ABIST verification is finished, the AB_RUN bit self-
clear to 0 and a new ABIST verification can be commanded as needed.
When the secure write feature is enabled, the system must perform a secure write
sequence in order to start an ABIST verification on demand.
When the PF5024 performs an ABIST verification on demand, the OV/UV fault
monitoring is blanked for a maximum period of 200 µs. During this time, the system must
ensure it is in a safe state, or it is safe to perform this action without violating the safety
goals of the system.
If a failure on the OV/UV monitor is detected during the ABIST on demand request,
the PMIC will assert the corresponding ABIST flags. It is responsibility of the system to
perform a diagnostic check after each ABIST verification to ensure it places the system in
safe state if an ABIST fault is detected.
19 IC level quiescent current requirements
Table 59. Quiescent current requirements
All parameters are specified at TA = −40 to 125 °C, unless otherwise noted. Typical values are characterized at VIN = 5.0 V
and TA = 25 °C, unless otherwise noted.
Symbol
Parameter
Min
Typ
Max
Unit
ILPOFF
LP_Off state
LPM_OFF = 0
VIN > UVDET
—
40
150
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com