Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF5024AMBA0ES Datasheet(PDF) 80 Page - NXP Semiconductors

Part # MPF5024AMBA0ES
Description  Power management integrated circuit (PMIC) for high performance applications
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5024AMBA0ES Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button MPF5024AMBA0ES Datasheet HTML 76Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 77Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 78Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 79Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 80Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 81Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 82Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 83Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 93 page
background image
NXP Semiconductors
PF5024
Power management integrated circuit (PMIC) for high performance applications
PF5024
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
80 / 93
ADDR
Register Name
BIT7 BIT6 BIT5 BIT4 BIT3 BIT2 BIT1 BIT0 Configuration
A3
OTP CTRL3
0
0
0
0
0
0
0
1
VTT pull down enabled | Single phase: SW4, SW3 | Dual
phase: SW1/SW2
A4
OTP FREQ CTRL
0
0
0
0
0
0
0
0
SYNCIN = Disabled | SYNCOUT disabled | SYNCIN range
= 2 MHz to 3 MHz | CLK frequency = 2.5 MHz
A5
OTP PWRON
0
0
0
0
0
0
0
0
PWRON = Level sensitive
A6
OTP WD CONFIG
0
0
0
1
0
0
0
0
WDI generates soft WD reset | WDI detect on rising edge
| WD timer disabled | WD timer in Standby disabled |WDI
detect in Standby disabled | WD Windows = 100 %
A7
OTP WD EXPIRE
0
0
0
0
0
1
1
1
Max WD Expire count = 8
A8
OTP WD COUNTER 1
0
1
0
1
1
1
1
WD Duration = 1024 ms | Max WD count = 16
A9
OTP FAULT
COUNTERS
1
1
1
1
1
1
1
1
Fail-safe MAX counter = 16 | Regulator Fault Max Counter
= 16
AA
OTP FAULT
TIMERS
0
0
0
0
1
1
1
1
Fail-safe OK timer = 1 minute | Regulator Fault timer =
Disabled
AB
OTP PWRDN DLY1 0
0
0
0
0
0
0
0
GRP4 delay = 125 µs | GRP 3 delay = 125 µs | GRP 2
delay = 125 µs | GRP 1 delay = 125 µs
AC
OTP PWRDN DLY2 0
0
0
0
0
0
0
1
Power Down Delay = 0 | RESETBMCU delay = 10 µs
AD
OTP PWRUP CTRL 0
0
0
0
0
0
1
0
PD Mirror Sequence | RESETBMCU PD Group2 | TBASE
= 250 µs
AE
OTP RESETBMCU
PWRUP
0
0
0
0
0
1
1
1
RESETBMCU SEQ = Slot 6 (TBASE x 6 = 1500 µs)
AF
OTP PGOOD
PWRUP
0
0
0
0
0
0
0
0
PGOOD SEQ = OFF
B0
OTP SW1 VOLT
0
1
1
0
0
0
0
0
Voltage = 1.0 V
B1
OTP SW1 PWRUP
0
0
0
0
0
0
0
1
SEQ = Slot 0
B2
OTP SW1 CONFIG1 0
1
0
1
0
0
1
1
UV mon = 7 % | OV mon = 7 % | SW PD Group4 | ILIM min
3.1 A
B3
OTP SW1 CONFIG2 0
0
1
1
1
1
1
0
L = 1 µH | Phase = 0º | DVS Ramp = 12.5 mV/µs | PG = EN
| WDBYPASS = Disable
B4
OTP SW2 VOLT
0
1
1
0
0
0
0
0
Voltage = 1.0 V
B5
OTP SW2 PWRUP
0
0
0
0
0
0
0
1
SEQ = Slot 0
B6
OTP SW2 CONFIG1 0
1
0
1
0
0
1
1
UV mon = 7 % | OV mon = 7 % | SW PD Group4 | ILIM min
3.1 A
B7
OTP SW2 CONFIG2 0
0
0
1
1
1
1
0
L = 1 µH | Phase = 180º | DVS Ramp = 12.5 mV/µs | PG =
EN | WDBYPASS = Disabled
B8
OTP SW3_VOLT
0
1
1
1
0
0
0
0
Voltage = 1.1 V
B9
OTP SW3 PWRUP
0
0
0
0
0
1
0
1
SEQ = Slot 4 (TBASE x 4 = 1000 µs)
BA
OTP SW3 CONFIG1 0
1
0
1
0
0
1
1
UV mon = 7 % | OV mon = 7 % | SW PD Group4 | ILIM min
3.1 A
BB
OTP SW3 CONFIG2 0
0
1
1
1
1
1
0
L = 1 µH | Phase = 0º | DVS Ramp = 12.5 mV/µs | PG = EN
| WDBYPASS = Disable
BC
OTP SW4 VOLT
0
1
1
1
0
0
0
0
Voltage = 1.1 V
BD
OTP SW4 PWRUP
0
0
0
0
0
1
0
1
SEQ =Slot 4 (TBASE x 4 = 1000 µs)
BE
OTP SW4 CONFIG1 0
1
0
1
0
0
1
1
UV mon = 7 % | OV mon = 7 % | SW PD Group4 | ILIM min
3.1 A
BF
OTP SW4 CONFIG2 0
0
1
1
1
1
1
0
L = 1 µH | Phase = 0º | DVS Ramp = 12.5 mV/µs | PG = EN
| WDBYPASS = Disable
C8
OTP_OV_BYPASS1 0
0
0
0
0
0
0
0
SWx OVBYPASS disabled
CA
OTP_UV_BYPASS1 0
0
0
0
0
0
0
0
SWx UVBYPASS disabled
CC
OTP_ILIM_
BYPASS1
1
1
1
1
1
1
1
1
SWx ILIMBYPASS enabled
CE
OTP_PROG_IDH
0
0
0
0
1
1
1
1
Default Program ID high Nibble = 0x0F
CF
OTP_PROF_IDL
1
1
1
1
1
1
1
1
Default Program ID low Byte = 0xFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com