Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF5024AMBA0ES Datasheet(PDF) 64 Page - NXP Semiconductors

Part # MPF5024AMBA0ES
Description  Power management integrated circuit (PMIC) for high performance applications
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5024AMBA0ES Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button MPF5024AMBA0ES Datasheet HTML 60Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 61Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 62Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 63Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 64Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 65Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 66Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 67Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 93 page
background image
NXP Semiconductors
PF5024
Power management integrated circuit (PMIC) for high performance applications
PF5024
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
64 / 93
Bit(s)
Description
THERM_155_I, THERM_155_S, THERM_155_M
Interrupt, sense and mask bits for 155 ºC threshold
TMP_MON_EN
Disables temperature monitoring circuits when
cleared
TMP_MON_AON
When set, the temperature monitoring circuit is always
ON.
When cleared, the temperature monitor operates in
Sampling mode.
15.6 Analog multiplexer
An analog multiplexer (AMUX) is provided to allow access to internal temperature
monitor. The selected voltage is buffered and made available on the PGOOD1 output
pin.
When the AMUX_EN bit is 0, the AMUX block is disabled and the PGOOD1 block is
enabled.
When the AMUX_EN bit is 1, the AMUX block is enabled and the PGOOD1 block is
disabled. The system can select the channel to be read using the AMUX_SEL bits. The
AMUX output is selected by the AMUX_SEL[4:0] bits.
Table 55. AMUX channel selection
AMUX_EN
AMUX_SEL[4:0]
AMUX selection
0
XXXXX
PGOOD mode
1
00000
Disabled - high impedance
1
00001 to 00110
Reserved
1
00111
TEMP_IC
1
01000 to 11111
Reserved
When the AMUX_EN = 1, and the AMUX_SEL = 00000, the AMUX output is set to a
high impedance mode to allow an external signal to drive the AMUX node. The AMUX is
enabled and accessible during the system On states.
15.7 Watchdog event management
A watchdog event may be started in two ways:
• The WDI pin toggles low due to a watchdog failure on the MCU
• The internal watchdog expiration counter reaches the maximum value the WD timer is
allowed to expire
A watchdog event initiated by the WDI pin may perform a hard WD reset or a soft WD
reset as defined by the WDI_MODE bit. A watchdog event initiated by the internal
watchdog always performs a hard WD reset.
15.7.1 Internal watchdog timer
The internal WD timer counts up and it expires when it reaches the value in the
WD_DURATION[3:0] register. When the WD timer starts counting, the WD_CLEAR
flag is set to 1. Clearing the WD_CLEAR flag within the valid window is interpreted as a
successful watchdog refresh and the WD timer gets reset. The MCU must write a 1 to
clear the WD_CLEAR flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com