Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF5024AMBA0ES Datasheet(PDF) 13 Page - NXP Semiconductors

Part # MPF5024AMBA0ES
Description  Power management integrated circuit (PMIC) for high performance applications
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5024AMBA0ES Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button MPF5024AMBA0ES Datasheet HTML 9Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 10Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 11Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 12Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 13Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 14Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 15Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 16Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 93 page
background image
NXP Semiconductors
PF5024
Power management integrated circuit (PMIC) for high performance applications
PF5024
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
13 / 93
• A CRC is performed on the mirror registers during the self-test routine, to ensure the
integrity of the registers before powering up
• ABIST test on all voltage monitors.
To allow for varying settling times for the internal bandgap and clocks, the self-test block
is executed up to three times (with 2.0 ms between each test) if a failure is encountered,
the state machine proceeds to the fail-safe transition.
A failure in the ABIST test is not interpreted as a self-test failure and it only sets the
corresponding ABIST flag for system information. The MCU is responsible for reading the
information and deciding whether it can continue with a safe operation. See Section 18.1
"System safety strategy" for the functional safety strategy of PF5024.
Upon a successful self-test, the state machine proceeds to the QPU_Off state.
13.1.4 QPU_Off state
The QPU_Off state is a higher power consumption Off mode, in which all internal circuitry
required for a power on is biased and ready to start a power up sequence.
If LPM_OFF = 1 and no turn on event is present, the device stops at the QPU_Off state,
and waits until a valid turn on event is present.
In this state, if VDDIO supply is provided externally, the device is able to communicate
through I2C to access and modify the mirror registers in order to operate the device in
TBB mode or to program the OTP registers as described in Section 17 "OTP/TBB and
hardwire default configurations".
If a power up event is started and any of the TRIM_NOK, OTP_NOK or STEST_NOK
flags are asserted, the device ignores the power up event and remains in the QPU_Off
state. See Section 17 "OTP/TBB and hardwire default configurations" for debugging a
fuse loading failure.
Upon a power up event, the default configuration from OTP or hardwire is loaded into
their corresponding I2C functional register in the transition from QPU_Off to power up
state.
13.1.5 Power up sequence
During the power up sequence, the external regulators are turned on in a predefined
order as programmed by the default (OTP or hardwire) sequence.
The RESETBMCU is also programmed as part of the power up sequence, and it is used
as the condition to enter the system On state. The RESETBMCU may be released in the
middle of the power up sequence, in this case, the remaining supplies in the power up
continues to power up as the device is in the run state. See Section 14.5.2 "Power up
sequencing" for details.
13.1.6 System On state
During the system On state, the MCU is powered and out of reset and the system is fully
operational.
The system On is a virtual state composed by two modes of operations:
• Run state
• Standby state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com