Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF5024AMBA0ES Datasheet(PDF) 74 Page - NXP Semiconductors

Part # MPF5024AMBA0ES
Description  Power management integrated circuit (PMIC) for high performance applications
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5024AMBA0ES Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button MPF5024AMBA0ES Datasheet HTML 70Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 71Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 72Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 73Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 74Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 75Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 76Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 77Page - NXP Semiconductors MPF5024AMBA0ES Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 93 page
background image
NXP Semiconductors
PF5024
Power management integrated circuit (PMIC) for high performance applications
PF5024
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
74 / 93
AD
DR
Register name
R/W
Default
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
28
ABIST UV1
R/SW
0000_0000
—
Reserved
—
—
AB_SW4_UV
AB_SW3_UV
AB_SW2_UV
AB_SW1_UV
29
ABIST UV2
R/SW
0000_0000
—
—
—
—
—
—
—
Reserved
2A
TEST FLAGS
R/TW
0000_0000
—
—
—
—
—
STEST_NOK
TRIM_NOK
OTP_NOK
2B
ABIST RUN
R/SW
0000_0000
—
—
—
—
—
—
—
AB_RUN
2C
2D
RANDOM GEN
R
xxxx_xxxx
RANDOM_GEN[7:0]
2E
RANDOM CHK
R/W
0000_0000
RANDOM_CHK[7:0]
2F
VMONEN1
R/SW
0100_1111
—
Reserved
—
—
SW4VMON_EN
SW3VMON_EN
SW2VMON_EN
SW1VMON_EN
30
VMONEN2
R/SW
0000_0001
—
—
—
—
—
—
—
Reserved
31
CTRL1
R/SW
FFF1_FFFF
VIN_OVLO_EN
VIN_OVLO_
SDWN
WDI_MODE
TMP_MON_EN
WD_EN
WD_STBY_EN
WDI_STBY_
ACTIVE
I2C_SECURE_EN
32
CTRL2
R/W
FF01_0FFF
VIN_OVLO_DBNC[1:0]
—
TMP_MON_AON
LPM_OFF
STANDBYINV
RUN_PG_GPO
STBY_PG_GPO
33
CTRL3
R/W
0010_0000
OV_DB[1:0]
UV_DB[1:0]
—
—
PMIC_OFF
INTB_TEST
34
PWRUP CTRL
R/W
0FFF_FFFF
—
PWRDWN_
MODE
PGOOD_PDGRP[1:0]
RESETBMCU_PDGRP[1:0]
SEQ_TBASE[1:0]
35
36
RESETBMCU
PWRUP
R/W
FFFF_FFFF
RESETBMCU_SEQ[7:0]
37
PGOOD
PWRUP
R/W
FFFF_FFFF
PGOOD_SEQ[7:0]
38
PWRDN DLY1
R/W
FFFF_FFFF
GRP4_DLY[1:0]
GRP3_DLY[1:0]
GRP2_DLY[1:0]
GRP1_DLY[1:0]
39
PWRDN DLY2
R/W
0000_00FF
—
—
—
—
—
—
RESETBMCU_DLY[1:0]
3A
FREQ CTRL
R/W
FFFF_FFFF
SYNCOUT_EN
FSYNC_RANGE
FSS_EN
FSS_RANGE
CLK_FREQ[3:0]
3B
3C
PWRON
R/W
000F_FFFF
—
—
—
PWRON_DBNC[1:0]
PWRON_RST_
EN
TRESET[1:0]
3D
WD CONFIG
R/W
0000_FFFF
—
—
—
—
WD_DURATION[3:0]
3E
WD CLEAR
R/W1C
0000_0000
—
—
—
—
—
—
—
WD_CLEAR
3F
WD EXPIRE
R/W
0FFF_0000
—
WD_MAX_EXPIRE[2:0]
—
WD_EXPIRE_CNT[2:0]
40
WD COUNTER
R/W
FFFF_0000
WD_MAX_CNT[3:0]
WD_EVENT_CNT[3:0]
41
FAULT
COUNTER
R/W
FFFF_0000
FAULT_MAX_CNT[3:0]
FAULT_CNT[3:0]
42
FSAFE
COUNTER
R/W
0000_0000
—
—
—
—
FS_CNT [3:0]
43
FAULT TIMERS R/W
0000_FFFF
—
—
—
—
TIMER_FAULT[3:0]
44
AMUX
R/W
0000_0000
—
—
AMUX_EN
AMUX_SEL[4:0]
45
46
SW RAMP
R/W
FFFF_FFFF
SW4DVS_RAMP[1:0]
SW3DVS_RAMP[1:0]
SW2DVS_RAMP[1:0]
SW1DVS_RAMP[1:0]
47
SW1 CONFIG1
R/W
FFF1_11FF
SW1_UV_
BYPASS
SW1_OV_
BYPASS
SW1_ILIM_
BYPASS
SW1_UV_STATE
SW1_OV_STATE
SW1_ILIM_
STATE
SW1_
WDBYPASS
SW1_PG_EN
48
SW1 CONFIG2
R/W
10FF_FFFF
SW1_FLT_REN
—
—
SW1ILIM[1:0]
SW1PHASE[2:0]
49
SW1 PWRUP
R/W
FFFF_FFFF
SW1_SEQ[7:0]
4A
SW1 MODE
R/W
00FF_FFFF
—
—
SW1_PDGRP[1:0]
SW1_STBY_MODE[1:0]
SW1_RUN_MODE[1:0]
4B
SW1 RUN
VOLT
R/W
FFFF_FFFF
VSW1_RUN[7:0]
4C
SW1 STBY
VOLT
R/W
FFFF_FFFF
VSW1_STBY[7:0]
4D
4E
4F
SW2 CONFIG1
R/W
FFF1_11FF
SW2_UV_
BYPASS
SW2_OV_
BYPASS
SW2_ILIM_
BYPASS
SW2_UV_STATE
SW2_OV_STATE
SW2_ILIM_
STATE
SW2_
WDBYPASS
SW2_PG_EN
50
SW2 CONFIG2
R/W
1FFF_FFFF
SW2_FLT_REN
SW2_VTTEN
—
SW2ILIM[1:0]
SW2PHASE[2:0]
51
SW2 PWRUP
R/W
FFFF_FFFF
SW2_SEQ[7:0]
52
SW2 MODE1
R/W
00FF_FFFF
—
—
SW2_PDGRP[1:0]
SW2_STBY_MODE[1:0]
SW2_RUN_MODE[1:0]
53
SW2 RUN
VOLT
R/W
FFFF_FFFF
VSW2_RUN[7:0]
54
SW2 STBY
VOLT
R/W
FFFF_FFFF
VSW2_STBY[7:0]
55
56
57
SW3 CONFIG1
R/W
FFF1_11FF
SW3_UV_
BYPASS
SW3_OV_
BYPASS
SW3_ILIM_
BYPASS
SW3_UV_STATE
SW3_OV_STATE
SW3_ILIM_
STATE
SW3_
WDBYPASS
SW3_PG_EN
58
SW3 CONFIG2
R/W
10FF_FFFF
SW3_FLT_REN
—
—
SW3ILIM[1:0]
SW3PHASE[2:0]
59
SW3 PWRUP
R/W
FFFF_FFFF
SW3_SEQ[7:0]
5A
SW3 MODE
R/W
00FF_FFFF
—
—
SW3_PDGRP[1:0]
SW3_STBY_MODE[1:0]
SW3_RUN_MODE[1:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com